Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6402 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 14Page - NXP Semiconductors TDA6402 Datasheet HTML 15Page - NXP Semiconductors TDA6402 Datasheet HTML 16Page - NXP Semiconductors TDA6402 Datasheet HTML 17Page - NXP Semiconductors TDA6402 Datasheet HTML 18Page - NXP Semiconductors TDA6402 Datasheet HTML 19Page - NXP Semiconductors TDA6402 Datasheet HTML 20Page - NXP Semiconductors TDA6402 Datasheet HTML 21Page - NXP Semiconductors TDA6402 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
2000 Jan 24
18
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Mixer/oscillator part (VCC =5V) (measured in circuit of Fig.19; unless otherwise specified)
VHF MIXER (INCLUDING IF AMPLIFIER)
fRF
RF frequency
note 1
55.25
−
361.25
MHz
Gv
voltage gain
fRF = 57.5 MHz; see Fig.12
16.5
19
21.5
dB
fRF = 357.5 MHz; see Fig.12
16.5
19
21.5
dB
NF
noise figure
fRF = 50 MHz; see Figs 13 and 14
−
8.5
9.5
dB
fRF = 150 MHz; see Figs 13 and 14
−
8.5
10.5
dB
fRF = 300 MHz; see Fig.14
−
9.5
12.5
dB
Vo
output voltage causing 1%
cross modulation in channel
fRF = 55.25 MHz; see Fig.15
105
108
−
dB
µV
fRF = 361.25 MHz; see Fig.15
105
108
−
dB
µV
Vi
input voltage causing pulling in
channel (750 Hz)
fRF = 361.25 MHz; note 2
−
83
−
dB
µV
gos
optimum source conductance
for noise figure
fRF =50MHz
−
0.7
−
mS
fRF = 150 MHz
−
0.9
−
mS
fRF = 300 MHz
−
1.5
−
mS
gi
input conductance
fRF = 55.25 MHz; see Fig.9
−
0.25
−
mS
fRF = 361.25 MHz; see Fig.9
−
0.5
−
mS
Ci
input capacitance
fRF = 57.5 to 357.5 MHz; see Fig.9
−
1.3
−
pF
VHF OSCILLATOR; see Fig.19
fOSC
oscillator frequency
note 3
101
−
407
MHz
∆f
OSC(V)
oscillator frequency shift
∆VCC = 5%; note 4
−
20
120
kHz
∆V
CC = 10%; note 4
−
110
−
kHz
∆f
OSC(T)
oscillator frequency drift
∆T=25 °C; with compensation;
note 5
−
1600
2700
kHz
∆f
OSC(t)
oscillator frequency drift
5 s to 15 min after switch on; note 6
−
600
1100
kHz
Φ
OSC
phase noise, carrier to noise
sideband
±100 kHz frequency offset; worst
case in the frequency range
−
100
−
dBc/Hz
RSC
ripple susceptibility of VCC
(peak-to-peak value)
VCC = 5 V; worst case in the
frequency range; ripple frequency
500 kHz; note 7
15
20
−
mV
UHF MIXER (INCLUDING IF AMPLIFIER)
fRF
RF frequency
note 1
367.25
−
801.25
MHz
Gv
voltage gain
fRF = 369.5 MHz; see Fig.16
26
29
32
dB
fRF = 803.5 MHz; see Fig.16
26
29
32
dB
NF
noise figure (not corrected for
image)
fRF = 369.5 MHz; see Fig.17
−
911
dB
fRF = 803.5 MHz; see Fig.17
−
10
12
dB
Vo
output voltage causing 1%
cross modulation in channel
fRF = 367.25 MHz; see Fig.18
105
108
−
dB
µV
fRF = 801.25 MHz; see Fig.18
105
108
−
dB
µV
Vi
input voltage causing pulling in
channel (750 Hz)
fRF = 801.25 MHz; note 2
−
82
−
dB
µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com