Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6402 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 13Page - NXP Semiconductors TDA6402 Datasheet HTML 14Page - NXP Semiconductors TDA6402 Datasheet HTML 15Page - NXP Semiconductors TDA6402 Datasheet HTML 16Page - NXP Semiconductors TDA6402 Datasheet HTML 17Page - NXP Semiconductors TDA6402 Datasheet HTML 18Page - NXP Semiconductors TDA6402 Datasheet HTML 19Page - NXP Semiconductors TDA6402 Datasheet HTML 20Page - NXP Semiconductors TDA6402 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
2000 Jan 24
17
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
CE/AS INPUT (CHIP ENABLE/ADDRESS SELECTION)
VCE/ASL
LOW-level input voltage
0
−
1.5
V
VCE/ASH
HIGH-level input voltage
3
−
5.5
V
ICE/ASH
HIGH-level input current
VCE/AS = 5.5 V
−−
10
µA
ICE/ASL
LOW-level input current
VCE/AS =0V
−10
−−µA
CL AND DA INPUTS
VCL/DAL
LOW-level input voltage
0
−
1.5
V
VCL/DAH
HIGH-level input voltage
3
−
5.5
V
ICL/DAH
HIGH-level input current
VBUS = 5.5 V; VCC =0V
−−
10
µA
VBUS = 5.5 V; VCC = 5.5 V
−−
10
µA
ICL/DAL
LOW-level input current
VBUS = 1.5 V; VCC =0V
−−
10
µA
VBUS =0V; VCC = 5.5 V
−10
−−µA
DA OUTPUT (I2C-BUS MODE)
IDAH
leakage current
VDA = 5.5 V
−−
10
µA
VDA
output voltage
IDA = 3 mA (sink current)
−−
0.4
V
CLOCK FREQUENCY
fclk
clock frequency
−
100
150
kHz
CHARGE PUMP OUTPUT CP
ICPH
HIGH-level input current
(absolute value)
CP = 1
−
280
−µA
ICPL
LOW-level input current
(absolute value)
CP = 0
−
60
−µA
VCP
output voltage
PLL is locked; Tamb =25 °C
−
1.95
−
V
ICPleak
off-state leakage current
T2 = 0; T1 = 1
−15
−0.5
+15
nA
TUNING VOLTAGE OUTPUT VT
IVTOFF
leakage current when
switched off
OS = 1; tuning supply = 33 V
−−
10
µA
VVT
output voltage when the loop
is closed
OS = 0; T2 = 0; T1 = 0; T0 = 1;
RLOAD =22kΩ; tuning supply = 33 V
0.2
−
32.7
V
3-WIRE BUS TIMING
tHIGH
clock HIGH time
see Fig.7
2
−−µs
tSU;DA
data set-up time
see Fig.7
2
−−µs
tHD;DA
data hold time
see Fig.7
2
−−µs
tSU;ENCL
enable to clock set-up time
see Fig.7
10
−−µs
tHD;ENDA
enable to data hold time
see Fig.7
2
−−µs
tEN
enable time between two
transmissions
see Fig.8
10
−−µs
tHD;ENCL
enable to clock active edge
hold time
see Fig.8
6
−−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com