Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6402 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 25Page - NXP Semiconductors TDA6402 Datasheet HTML 26Page - NXP Semiconductors TDA6402 Datasheet HTML 27Page - NXP Semiconductors TDA6402 Datasheet HTML 28Page - NXP Semiconductors TDA6402 Datasheet HTML 29Page - NXP Semiconductors TDA6402 Datasheet HTML 30Page - NXP Semiconductors TDA6402 Datasheet HTML 31Page - NXP Semiconductors TDA6402 Datasheet HTML 32Page - NXP Semiconductors TDA6402 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
2000 Jan 24
29
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Table 26 Two status bytes acquisition
Notes
1. XX = Read status byte.
2. X = No acknowledge from the master means end of sequence.
Other I2C-bus addresses may be selected by applying an appropriate voltage to the CE input.
Examples of 3-wire bus sequences (SW = OPEN)
Table 27 18-bit sequence (fOSC = 800 MHz; PUHF = ON)
The reference divider is automatically set to 512 assuming that RSB has been set to logic 1 at power-on. If RSB has been
set to logic 0, in a previous 27-bit sequence, the reference divider will still be set at 640. In that event, the 18-bit sequence
has to be adapted to the 640 divider ratio.
Table 28 19-bit sequence (fOSC = 650 MHz; PUHF = ON)
The reference divider is automatically set to 512 assuming that RSB has been set to logic 1 at power-on. If RSB has been
set to logic 0 in a previous 27-bit sequence, the reference divider will still be set at 640. In that event, the 19-bit sequence
has to be adapted to the 640 divider ratio.
Table 29 27-bit sequence (fOSC = 750 MHz; PUHF = ON; N = 640; ICP =60 µA; no test function)
Table 30 19-bit sequence
This sequence will program fOSC to 600 MHz in 50 kHz steps; ICP remains at 60 µA.
Table 31 18-bit sequence
This sequence will program fOSC to 600 MHz in 50 kHz steps; ICP remains at 60 µA.
SC3A
XX(1)
AXX(1)
X(2)
P
100011001000000000
1000010100010100000
100001110101001100010001000
1000010111011100000
100010111011100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com