Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6402 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 4Page - NXP Semiconductors TDA6402 Datasheet HTML 5Page - NXP Semiconductors TDA6402 Datasheet HTML 6Page - NXP Semiconductors TDA6402 Datasheet HTML 7Page - NXP Semiconductors TDA6402 Datasheet HTML 8Page - NXP Semiconductors TDA6402 Datasheet HTML 9Page - NXP Semiconductors TDA6402 Datasheet HTML 10Page - NXP Semiconductors TDA6402 Datasheet HTML 11Page - NXP Semiconductors TDA6402 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
2000 Jan 24
8
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
I2C-bus mode (SW = GND)
WRITE MODE; R/W = 0 (see Tables 3 and 4)
Data bytes can be sent to the device after the address
transmission (first byte). Four data bytes are needed to
fully program the device. The bus transceiver has an
auto-increment facility which permits the programming of
the device within one single transmission
(address + 4 data bytes).
The device can also be partially programmed providing
that the first data byte following the address is divider
byte 1 (DB1) or control byte (CB). The bits in the data
bytes are defined in Tables 3 and 4. The first bit of the first
data byte transmitted indicates whether frequency data
(first bit = 0) or control and band-switch data (first bit = 1)
will follow. Until an I2C-bus STOP command is sent by the
controller, additional data bytes can be entered without the
need to re-address the device. The frequency register is
loaded after the 8th clock pulse of the second divider byte
(DB2), the control register is loaded after the 8th clock
pulse of the control byte (CB) and the band-switch register
is loaded after the 8th clock pulse of the band switch byte
(BB).
I2C-BUS ADDRESS SELECTION
The module address contains programmable address bits
(MA1 and MA0) which offer the possibility of having
several synthesizers (up to 4) in one system by applying a
specific voltage on the CE input. The relationship between
MA1 and MA0 and the input voltage applied to the CE
input is given in Table 6.
Table 3
I2C-bus data format, ‘write’ mode for the TDA6402 and TDA6403
Table 4
I2C-bus data format, ‘write’ mode for the TDA6402A and TDA6403A
NAME
BYTE
BITS
ACK
MSB
LSB
Address byte
ADB
11000
MA1
MA0
R/W = 0
A
Divider byte 1
DB1
0
N14
N13
N12
N11
N10
N9
N8
A
Divider byte 2
DB2
N7
N6
N5
N4
N3
N2
N1
N0
A
Control byte
CB
1
CP
T2
T1
T0
RSA
RSB
OS
A
Band-switch byte
BB
XXXX
FMST
PUHF
PVHFH
PVHFL
A
NAME
BYTE
BITS
ACK
MSB
LSB
Address byte
ADB
11000
MA1
MA0
R/W = 0
A
Divider byte 1
DB1
0
N14
N13
N12
N11
N10
N9
N8
A
Divider byte 2
DB2
N7
N6
N5
N4
N3
N2
N1
N0
A
Control byte
CB
1
CP
T2
T1
T0
RSA
RSB
OS
A
Band-switch byte
BB
XXXX
PUHF
FMST
PVHFH
PVHFL
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com