Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6402 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA6402 Datasheet HTML 1Page - NXP Semiconductors TDA6402 Datasheet HTML 2Page - NXP Semiconductors TDA6402 Datasheet HTML 3Page - NXP Semiconductors TDA6402 Datasheet HTML 4Page - NXP Semiconductors TDA6402 Datasheet HTML 5Page - NXP Semiconductors TDA6402 Datasheet HTML 6Page - NXP Semiconductors TDA6402 Datasheet HTML 7Page - NXP Semiconductors TDA6402 Datasheet HTML 8Page - NXP Semiconductors TDA6402 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2000 Jan 24
2
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
FEATURES
• Single-chip 5 V mixer/oscillator and synthesizer for
cable TV and VCR tuners
• Synthesizer function compatible with existing TSA5526
• Universal bus protocol (I2C-bus or 3-wire bus)
– Bus protocol for 18 or 19-bit transmission (3-wire
bus)
– Extra protocol for 27-bit transmission (test modes and
features for 3-wire bus)
– Address + 4 data bytes transmission (I2C-bus ‘write’
mode)
– Address + 1 status byte (I2C-bus ‘read’ mode)
– 4 independent I2C-bus addresses.
• 1 PNP buffer for UHF band selection (25 mA)
• 3 PNP buffers for general purpose, e.g. 2 VHF
sub-bands, FM sound trap (25 mA)
• 33 V tuning voltage output
• In-lock detector
• 5-step A/D converter (3 bits in I2C-bus mode)
• 15-bit programmable divider
• Programmable reference divider ratio (512, 640 or
1024)
• Programmable charge pump current (60 or 280 µA)
• Programmable automatic charge pump current switch
• Varicap drive disable
• Mixer/oscillator function compatible with existing
TDA5732
• Balanced mixer with a common emitter input for VHF
(single input)
• Balanced mixer with a common base input for UHF
(balanced input)
• 2-pin common emitter oscillator for VHF
• 4-pin common emitter oscillator for UHF
• IF preamplifier with asymmetrical 75 Ω output
impedance to drive a low-ohmic impedance (75
Ω)
• Low power
• Low radiation
• Small size
• The TDA6402A and TDA6403A differ from the TDA6402
and TDA6403 by the UHF port protocol in the I2C-bus
mode (see Tables 3 and 4).
APPLICATIONS
• Cable tuners for TV and VCR (switched concept for
VHF)
• Recommended RF bands for the USA:
55.25 to 133.25 MHz, 139.25 to 361.25 MHz and
367.25 to 801.25 MHz.
GENERAL DESCRIPTION
The TDA6402, TDA6402A, TDA6403 and TDA6403A are
programmable 2-band mixers/oscillators and synthesizers
intended for VHF/UHF cable tuners (see Fig.1).
The devices include two double balanced mixers and two
oscillators for the VHF and UHF band respectively, an IF
amplifier and a PLL synthesizer. The VHF band can be
split-up into two sub-bands using a proper oscillator
application and a switchable inductor. Two pins are
available between the mixer output and the IF amplifier
input to enable IF filtering for improved signal handling.
Four PNP ports are provided. Band selection is provided
by using pin PUHF. When PUHF is ‘ON’, the UHF
mixer-oscillator is active and the VHF band is switched off.
When PUHF is ‘OFF’, the VHF mixer-oscillator is active
and the UHF band is ‘OFF’. PVHFL and PVHFH are used
to select the VHF sub-bands. FMST is a general purpose
port, that can be used to switch an FM sound trap. When
it is used, the sum of the collector currents has to be limited
to 30 mA.
The synthesizer consists of a divide-by-eight prescaler, a
15-bit programmable divider, a crystal oscillator and its
programmable reference divider and a phase/frequency
detector combined with a charge pump which drives the
tuning amplifier, including 33 V output (V33) at pin VT.
Depending on the reference divider ratio (512, 640 or
1024), the phase comparator operates at 7.8125 kHz,
6.25 kHz or 3.90625 kHz with a 4 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com