Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6402 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 22Page - NXP Semiconductors TDA6402 Datasheet HTML 23Page - NXP Semiconductors TDA6402 Datasheet HTML 24Page - NXP Semiconductors TDA6402 Datasheet HTML 25Page - NXP Semiconductors TDA6402 Datasheet HTML 26Page - NXP Semiconductors TDA6402 Datasheet HTML 27Page - NXP Semiconductors TDA6402 Datasheet HTML 28Page - NXP Semiconductors TDA6402 Datasheet HTML 29Page - NXP Semiconductors TDA6402 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
2000 Jan 24
26
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
handbook, full pagewidth
MGE689
6.8 k
Ω
33 k
Ω
22 k
Ω
22 k
Ω
10 k
Ω
3.9 k
Ω
3.9 k
Ω
22 k
Ω
330
Ω
330
Ω
680
Ω
4.7
Ω
10
µF
(16 V)
10
µF
(16 V)
1 pF
22
k
Ω
4.7
k
Ω
22
Ω
10
nF
23
nH
8 pF
(N750)
47 pF
(N750)
C11
C10
L2
R2
23
nH
L3
R1
C6 (N750)
1.8 pF
C7 (N750)
1.8 pF
C8 (N750)
1 pF
C9 (N750)
R5
R6
R7
R9
R8
R3
22 k
Ω
R4
D2
BB133
C14 (N470)
100 pF
L4
30 nH
L5
80 nH
C15
4.7 nF
C16
4.7 nF
D3
BA792
C12 (N750)
C13 (N750)
2.2 pF
2.5 pF
L6
80 nH
C17
1 nF
X1
4 MHz
C19
18 pF
VCC
C18
10 nF
C20
100 nF
R10
C21
2.2 nF
R11
R16
C22
C1
1 nF
C2
1 nF
C3
1 nF
C4
15 pF
C5
15 pF
L1
2 x 5t
R20
D5
330
Ω
R19
D4
330
Ω
R21
D6
330
Ω
R22
D7
3-WIRE / I2C-bus
R14
330
Ω
R12
330
Ω
R13
330
Ω
R15
68 k
Ω
R24
1 k
Ω
R25
R23
R26
50
Ω
C23
C24
1 (28)
2 (27)
3 (26)
4 (25)
UHFIN1
UHFIN2
VHFIN
UHF-IN
UHF-IN
VHF-IN
RFGND
5 (24)
6 (23)
7 (22)
8 (21)
IFFIL1
IFFIL2
PVHFL
PVHFH
9 (20)
10 (19)
11 (18)
12 (17)
13 (16)
PUHF
FMST
SW
CE/AS
DA
CL
14 (15)
(14) 15
(13) 16
(12) 17
(11) 18
LOCK/ADC
CP
VT
XTAL
(10) 19
(9) 20
(8) 21
(7) 22
(6) 23
VCC
IFOUT
GND
VHFOSCIB
OSCGND
(5) 24
(4) 25
(3) 26
(2) 27
(1) 28
VHFOSCOC
UHFOSCIB1
UHFOSCIB2
UHFOSCOC2
UHFOSCOC1
C25
10 nF
for test
purpose
only
R18
IFOUT
measurement
for test purpose only
for test purpose only
4
× LED 3 mm
open for
3-wire
TP
VT
+5 V
+33 V
VCC
AGND
1
2
3
CL
AGND
DA
+5 V
CE
LOCK
JMP2
BC847B
TR2
12
VCC
1
2
VHF-LOW
VHF-HIGH
UHF
FMST
PVHFH
PVHFL
TDA6402
TDA6402A
TDA6403
TDA6403A
D1
BB134
TR1
BC847B
Vripple
1/2fDIV or fREF
measurement
Fig.19 Measurement circuit.
The pin numbers in parenthesis represent the TDA6403 and TDA6403A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com