Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4500 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 17Page - NXP Semiconductors FS4500 Datasheet HTML 18Page - NXP Semiconductors FS4500 Datasheet HTML 19Page - NXP Semiconductors FS4500 Datasheet HTML 20Page - NXP Semiconductors FS4500 Datasheet HTML 21Page - NXP Semiconductors FS4500 Datasheet HTML 22Page - NXP Semiconductors FS4500 Datasheet HTML 23Page - NXP Semiconductors FS4500 Datasheet HTML 24Page - NXP Semiconductors FS4500 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VCANLP
CANL, CANH output voltage in sleep modes. No termination
load.
–0.1
0.0
0.1
V
ICAN
CANH, CANL input current, device unsupplied, (VCANH, VCANL
= 5.0 V)
• VSUP and VCAN connected to GND
• VSUP and VCAN connected to GND via 47 kΩ resistor
 
–10
–10
 
—
—
 
10
10
 
µA
µA
[10]
TOT
Overtemperature detection
160
—
—
°C
THYST
Overtemperature hysteresis
—
—
20
°C
LIN transceiver (when 7.0 V < VSUP1,2,3 < 18 V, unless otherwise specified)
LIN logic input pin (TXDL)
VTXDL_IH
TXDL high input threshold
2.0
—
—
V
VTXDL_IL
TXDL low input threshold
—
—
0.8
V
TXDLPULL-UP
TXDL internal pull-up (to VDDIO)
20
33
50
kΩ
TXDLLK
TXD input leakage current, VTXDL = VDDIO
–1.0
—
1.0
µA
LIN logic input pin (RXDL)
VRXDL_OL1
Low level output voltage (IRXDL = 250 µA)
—
—
0.4
V
VRXDL_OL2
Low level output voltage (IRXDL = 1.5 mA)
—
—
0.9
V
VRXDL_OUT_HIGH High level output voltage (IRXDL = –250 µA, VDDIO = 3.0 V to
5.5 V)
VDDIO
– 0.4
—
—
V
LIN output pin
IBUS_PAS_DOM
Input leakage current at the receiver. dominant state (Driver
OFF, VBAT = 12 V, VBUS = 0 V)
–1.0
—
—
mA
[11]
IBUS_PAS_REC
Input leakage current at the receiver. recessive state (Driver
OFF, 8.0 V < VBAT < 18 V, 8.0 V < VBUS < 18 V, VBUS ≥ VBAT)
—
—
20
µA
VDRIVER_DOM
Driver dominant voltage
—
—
0.251
× VSUP
V
VBUS_DOM
Receiver dominant state
—
—
0.4 ×
VSUP
V
VBUS_REC
Receiver recessive state
0.6 × VSUP
—
—
V
VBUS_WU
LIN wake-up detection threshold (7.0 V < VSUP < 18 V)
0.4 × VSUP
—
0.6 ×
VSUP
V
VLIN_UV
VSUP undervoltage threshold
—
—
7.0
V
VSER_DIODE
Series diode voltage drop (DSER_COMMANDER and DSER_INT in
pull-up path)
0.4
0.7
1.0
V
IBUS_LIM
Current limitation for driver dominant state (VBUS = 18 V)
40
—
200
mA
[12]
RRESPONDER
LIN pull-up resistor
20
—
60
kΩ
VSHIFT_GND
Ground shift (VSHIFT_GND = VGND_ECU – VGND_BATTERY)
0.0
—
11.5 %
VBAT
V
VSHIFT_BAT
Battery voltage shift (VSHIFT_BAT = VBATTERY – VSHIFT_GND–
VBAT)
0.0
—
11.5 %
VBAT
V
[13]
VSHIFT_DIF
Difference between battery shift and ground shift
(VSHIFT_DIF = VSHIFT_BAT – VSHIFT_GND)
0.0
—
8.0 %
VBAT
V
[14]
VBUS_CNT
VBUS_CNT = (VTH_REC + VTH_DOM)/2
0.475
× VSUP
—
0.525
× VSUP
V
[15]
Table 5. Static electrical characteristics ...continued
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
21 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com