Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4500 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 36Page - NXP Semiconductors FS4500 Datasheet HTML 37Page - NXP Semiconductors FS4500 Datasheet HTML 38Page - NXP Semiconductors FS4500 Datasheet HTML 39Page - NXP Semiconductors FS4500 Datasheet HTML 40Page - NXP Semiconductors FS4500 Datasheet HTML 41Page - NXP Semiconductors FS4500 Datasheet HTML 42Page - NXP Semiconductors FS4500 Datasheet HTML 43Page - NXP Semiconductors FS4500 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
12.5 Fail-safe machine
To fulfill safety critical applications, the FS6500/FS4500 integrates a dedicated fail-safe machine (FSM). The
FSM is composed of three main sub-blocks: the voltage supervisor (VS), the fail-safe state machine (FSSM),
and the fail-safe output driver (FSO).The FSM is electrically independent from the rest of the circuitry, to avoid
common cause failure.
For this reason, the FSM has its own voltage regulators (analog and digital), dedicated band gap, and its
own oscillator. Three power supply pins (VSUP 1, 2, and 3) are used to overtake a pin lift issue. The internal
voltage regulators are directly connected on VSUP (one bonding wire per pin is used). Additionally, the ground
connection is redundant as well to avoid any loss of ground.
All the voltages generated in the device are monitored by the voltage supervisor (under and overvoltage) owing
to a dedicated internal voltage reference (different from the one used for the voltage regulators). The result is
reported to the MCU through the SPI and delivered to the fail-safe state machine (FSSM) for action, in case of
a fault. All the safety relevant signals feed the FSSM, which handles the error handling and controls the fail-safe
outputs.
There are three fail-safe outputs: RSTB (asserted low to reset the MCU), FS0B, and FS1B (asserted low to
control any fail-safe circuitry). The fail-safe machine is in charge of bringing and maintaining the application in a
fail-safe state.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
40 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com