Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4500 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 67Page - NXP Semiconductors FS4500 Datasheet HTML 68Page - NXP Semiconductors FS4500 Datasheet HTML 69Page - NXP Semiconductors FS4500 Datasheet HTML 70Page - NXP Semiconductors FS4500 Datasheet HTML 71Page - NXP Semiconductors FS4500 Datasheet HTML 72Page - NXP Semiconductors FS4500 Datasheet HTML 73Page - NXP Semiconductors FS4500 Datasheet HTML 74Page - NXP Semiconductors FS4500 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
• After calibration, the new after run or wake-up values to set the counter are "after run x ECF" and "wake-up x
ECF".
12.8.3 Timer functions
• Function 1: In normal mode, count and generate a flag or an Interrupt when the counter reaches the after run
value.
• Function 2: In normal mode, count until the counter reaches the after run value and enters into low-power
mode.
• Function 3: In normal mode, count until the counter reaches the after run value and enters into low-power
mode. Once in low-power mode, count until the counter reaches the wake-up value and wakes up.
• Function 4: In low-power mode, count until the counter reaches the wake-up value and wakes up.
• Function 5: In low-power mode, count and do not wake-up unless the counter overflow occurs, or if the
device wakes up by another source (CAN, LIN, IO).
aaa-037784
timer counts
After run value reached
INTb
SPI: configure timer function 1
SPI: write after run register
SPI: write START
INTB when after run value reached
SPI: configure timer function 2
SPI: write after run register
SPI: write START
Entry in LPOFF after run value
reached
SPI: configure timer function 3
SPI: write after run register
SPI: write wake-up register
SPI: write START
Entry in LPOFF after run value
reached and wake-up when
wake-up value reached
SPI: configure timer function 4
SPI: write wake-up register
SPI: go to LPOFF
Wake-up when wake-up
value reached
SPI: configure timer function 5
SPI: go to LPOFF
Wake-up when other
wake-up event occurs (ex CAN)
FUNCTIONS
NORMAL MODE
LOW-POWER MODE (LPOFF)
timer counts
After run
value reached
Entry in low-power
mode when after run
value reached
Entry in low-power
mode when after run
value reached
No entry in low-power
mode controlled by LDT
timer counts
timer counts
Wake-up
value reached
Wake-up
value reached
After run
value reached
Entry in init mode
after wake-up by timer
WAKE-UP
Entry in low-power
mode by SPI
timer counts
Entry in init mode
after wake-up by timer
Entry in init mode
after CAN wake-up
timer continues to count
WAKE-UP
Entry in low-power
mode by SPI
timer counts
WAKE-UP (ex CAN)
Function 1
Function 2
Function 3
Function 4
Function 5
Figure 55. Long duration timer functions
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
71 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com