Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4500 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 8Page - NXP Semiconductors FS4500 Datasheet HTML 9Page - NXP Semiconductors FS4500 Datasheet HTML 10Page - NXP Semiconductors FS4500 Datasheet HTML 11Page - NXP Semiconductors FS4500 Datasheet HTML 12Page - NXP Semiconductors FS4500 Datasheet HTML 13Page - NXP Semiconductors FS4500 Datasheet HTML 14Page - NXP Semiconductors FS4500 Datasheet HTML 15Page - NXP Semiconductors FS4500 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
All voltages are with respect to ground, unless otherwise specified. Exceeding these ratings may cause a malfunction or permanent damage
to the device.
Symbol
Ratings
Value
Unit
Notes
VCCA
DC voltage at VCCA pin
–0.3 to 8
V
VDDIO
DC voltage at VDDIO pin
–0.3 to 8
V
VCAN_5V
DC voltage on CAN_5V pin
–0.3 to 8
V
VPU_FS
DC voltage at VPU_FS pin
–0.3 to 8
V
VFSxB
DC voltage at FS0B, FS1B pins (with ext R in series mandatory)
–0.3 to 40
V
VDEBUG
DC voltage at DEBUG pin
–0.3 to 40
V
VIO_0,4
DC voltage at IO_0, IO_4 pins (with ext R in series mandatory)
–0.3 to 40
V
VIO_5
DC voltage at IO_5 pin
–0.3 to 20
V
VKAM
DC voltage at VKAM pin
–0.3 to 8
V
VDIG
DC voltage at INTB, RSTB, MISO, MOSI, NCS, SCLK, MUX_OUT, RXD, TXD, RXDL,
TXDL, IO_2, IO_3 pins
–0.3 to 8
V
VSELECT
DC voltage at SELECT pin
–0.3 to 8
V
VBUS_CAN
DC voltage on CANL, CANH pins
–27 to 40
V
VBUS_LIN
DC voltage on LIN pin
–18 to 40
V
I_Isense
VSENSE maximum current capability
–5.0 to 5.0
mA
I_IO0, 4, 5
IOs maximum current capability (IO_0, IO_4, IO_5)
–5.0 to 5.0
mA
ESD voltage
Human body model (JESD22/A114)(19) – 100 pF, 1.5 kΩ
VESD-HBM1
• All pins
±2.0
kV
[2]
VESD-HBM2
• VSUP1, 2, 3, VSENSE, VAUX, IO_0,4, FS0B, FS1B, DEBUG
±4.0
kV
VESD-HBM3
• CANH, CANL
±6.0
kV
VESD-HBM4
• LIN
±8.0
kV
Charge device model (JESD22/C101)(20):
VESD-CDM1
• All pins
±500
V
VESD-CDM2
• Corner pins
±750
V
System level ESD (gun test)
• VSUP1, 2, 3, VSENSE, VAUX, IO_0, 4, 5, FS0B, FS1B
VESD-GUN1
330 Ω/150 pF unpowered according to IEC 61000-4-2:(16)
±8.0
kV
VESD-GUN2
330 Ω/150 pF unpowered according to OEM LIN, CAN, FlexRay Conformance
±8.0
kV
VESD-GUN3
2.0 kΩ/150 pF unpowered according to ISO 10605(15)
±8.0
kV
VESD-GUN4
2.0 kΩ/330 pF powered according to ISO 10605(15)
±8.0
kV
• CANH, CANL
VESD-GUN5
330 Ω/150 pF unpowered according to IEC 61000-4-2:(16)
±15.0
kV
VESD-GUN6
330 Ω/150 pF unpowered according to OEM LIN, CAN, FlexRay Conformance
±12.0
kV
VESD-GUN7
2.0 kΩ/150 pF unpowered according to ISO 10605(15)
±15.0
kV
VESD-GUN8
2.0 kΩ/330 pF powered according to ISO 10605(15)
• LIN
±12.0
kV
• LIN
Table 4. Maximum ratings ...continued
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
12 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com