Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4500 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 35Page - NXP Semiconductors FS4500 Datasheet HTML 36Page - NXP Semiconductors FS4500 Datasheet HTML 37Page - NXP Semiconductors FS4500 Datasheet HTML 38Page - NXP Semiconductors FS4500 Datasheet HTML 39Page - NXP Semiconductors FS4500 Datasheet HTML 40Page - NXP Semiconductors FS4500 Datasheet HTML 41Page - NXP Semiconductors FS4500 Datasheet HTML 42Page - NXP Semiconductors FS4500 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
12.3 Deep fail-safe state
When the deep fail-safe function is enabled, the fail-safe state machine monitors and counts the number
of faults happening, in case of fault detection (see Section 12.5.3). As soon as either the fault error counter
reaches its final value or the RESET pin remains asserted low for more than 8.0 s, the device moves to deep
fail-safe state in the functional state diagram (Figure 16).
When the device is in deep fail-safe state, all the regulators are off (except VKAM if VKAM was on), RSTB,
FS0B, and FS1B are activated. To exit this state, a key off/key on action is needed. IO_0 is usually connected
to key signal. Key off (IO_0 low) moves the device to LPOFF-deep FS, and key on (IO_0 high) wakes up the
device.
During power up phase, the 8.0 s timer starts when the fail-safe state machine enters in the ’Wait_VPRE’ state
and stops when the RSTB pin is released. During ’INIT_FS’ state, the 8.0 s timer can be disabled in the register
INIT_FS_IMPACT. During ’normal WD’ state, the 8.0 s timer is activated at each RSTB pin assertion.
12.4 Functional state diagram
aaa-037745
- RSTB/FSxB asserted low
- RSTB asserted low
- RSTB released, FSxB asserted low
- Unlock SPI init registers
- 256 ms open window
- RSTB released, FSxB asserted low
- Start WD windowing
- RSTB delay running
- Unlock SPI init registers
- SPI init registers locked
- SPI config
- VCORE/VAUX/VCCA OFF
- VPRE/VCAN OFF
- Fail Safe OFF
- VKAM/LDT ON
- VPRE/VCAN/VCORE/VAUX/VCCA OFF
- VKAM/LDT ON
- OSC Main ON
- Fail Safe ON
- RSTB asserted low
- FSxB asserted low
- RSTB/FSxB asserted low
- 8 s timer starts
- RSTB/FSxB asserted low
- RSTB/FSxB asserted low
- 8 s timer reset
- RSTB/FSxB asserted low
- 8 s timer running
- FSxb asserted low
LBIST
Power Down
From
Anywhere
ABIST1
Release
RTSB
Wait
VPRE
Wait
VREG
SELECT pin
configuration
ABIST2
(VAUX/FS1B)
Assert RSTB
INIT MAIN
Assert FSxB
INIT_FS
NORMAL_WD
FAIL SAFE STATE MACHINE
MAIN STATE MACHINE
LBIST Done
VPRE > VPRE_UV
VPRE < VPRE_UV
VPRE < VPRE_UV
1 ms elapsed
VCORE > VCORE_UV
VCCA > VCCA_UV
ABIST1 Done
External
RST
No activate RSTB &
RSTB delay expired
Activate
RSTB
External
RST
Activate RST
or WD Not OK
External
RST
No external RST and
No activate RSTB
WD OK
PORB = 1 and
VPRE > VPRE_UV
PORB = 0
Power Down
From
Anywhere
Waits
Fail-
safe
VPRE
ON
Deep
Fail-safe
SELECT pin
configuration
NORMAL
MODE
LPOFF-
SLEEP
Wake up
LPOFF-
Auto WU
LPOFF-
DEEP FS
VCORE/
VAUX/
VCCA ON
Buck or
Buck Boost
configuration
detection
PORB = 1 &
Fail-safe Reg. ON &
VSUP < VSUP_UV_5
VSUP < VSUP_UV_L
1.0 ms
SPI command
CAN, LIN
IOs or LDT
INIT INT
(reg. writing)
120 µs
VPRE > VPRE_UV
VSUP > VSUP_UV_5
SPI command
VSUP < VSUP_UV_5
VSUP <
VSUP_UV_5
1 ms
Rise IO_0
VPRE_UV_4P3
or SPI command
No DFS and
RST delay = 8 s
DFS &
(RST delay = 8 s or
FLT_err_count = 6)
VPRE_UV_4P3
IO_0 = 0
PORB = 1
Activate
RST
Activate
FSx
Figure 16. Simplified state diagram
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
39 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com