Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4500 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 61Page - NXP Semiconductors FS4500 Datasheet HTML 62Page - NXP Semiconductors FS4500 Datasheet HTML 63Page - NXP Semiconductors FS4500 Datasheet HTML 64Page - NXP Semiconductors FS4500 Datasheet HTML 65Page - NXP Semiconductors FS4500 Datasheet HTML 66Page - NXP Semiconductors FS4500 Datasheet HTML 67Page - NXP Semiconductors FS4500 Datasheet HTML 68Page - NXP Semiconductors FS4500 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037777
SW1/2
FB1
VCCA_E
VCCA_B
VCCA 5.0 V
COMP1
VCORE_SNS
L3 - 2.2 µH
C6
100 nF
R3
R4
C10
R1
R2
C11
C7
40 µF
PGND
PGND
GND
GND
BOOT_CORE
Vcore
BUCK - 1.5 A
VCCA - LDO1
100/300 mA
VAUX - LDO2
400 mA
VAUX_E
VAUX_B
VAUX 5.0 V
C9
4.7 µF
C8
4.7 µF
GND
PNP2
MCU
VDD_LV_1.2V
V_ADC_5V
D4
EXT
SENSOR
ADC_IN
GND
Int 3.3/
5.0 V ref
ECU
limit
±15 mV
V_Peripherals
AND I/O
input ref
FS6500
VCORE
Figure 48. Example of VAUX used in tracker mode
12.7.5.1 Current limitation
A current limitation is implemented to avoid uncontrolled power dissipation of the external PNP transistor.
The current is limited to IAUX_LIM and the regulator is switch off after a dedicated duration tAUX_LIM_OFF under
current limitation. A SPI command is needed to restart the regulator. A current limitation foldback scheme is
implemented to reduce the current limitation to IAUX_LIM_FB when VAUX is below VAUX_LIM_FB, limiting the power
dissipation in the external PNP transistor during a short-circuit to GND of the VAUX pin.
VAUX
3.3 V or 5.0 V
VAUX_LIM_FB
IAUX_LIM_FB
IAUX_LIM
IAUX
VAUX
aaa-037778
Figure 49. VAUX current limitation scheme with foldback mechanism
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
65 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com