Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4500 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 63Page - NXP Semiconductors FS4500 Datasheet HTML 64Page - NXP Semiconductors FS4500 Datasheet HTML 65Page - NXP Semiconductors FS4500 Datasheet HTML 66Page - NXP Semiconductors FS4500 Datasheet HTML 67Page - NXP Semiconductors FS4500 Datasheet HTML 68Page - NXP Semiconductors FS4500 Datasheet HTML 69Page - NXP Semiconductors FS4500 Datasheet HTML 70Page - NXP Semiconductors FS4500 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
12.7.8 Power dissipation
The FS6500/FS4500 provides high performance SMPS and linear regulators to supply high end MCUs in
automotive applications. Each regulator can deliver:
• VPRE (6.5 V) up to 2.0 A
• VCORE (from 1.0 V to 5.0 V range) up to 2.2 A
• VCCA (3.3 V or 5.0 V) up to 100 mA (with internal MOS) or up to 300 mA (with external PNP)
• VAUX (3.3 V or 5.0 V) up to 400 mA (with external PNP)
• VCAN (5.0 V) up to 100 mA
A thermal dissipation analysis has to be performed based on the application use case to ensure the maximum
silicon junction temperature does not exceed 150 °C.
Two use cases covering the two main VCORE voltage configurations are provided in Figure 51.
• use case 1: VCORE = 3.3 V, ICORE = 0.7 A, VCCA with int. MOS
• use case 2: VCORE = 1.2 V, ICORE = 1.4 A, VCCA with ext. PNP
Both use cases have a total internal power dissipation below 0.9 W. A junction to ambient thermal resistivity
of 30 °C/W allows the application to work up to an ambient temperature of 125 °C. A good soldering of the
package expose pad is highly recommended to achieve such thermal performance.
aaa-037780
VSUP = 14 V and 25 % of CAN traffic
Regulator
Voltage
Current
Comment
Vpre
Vcore
Vcca
Vaux
6 V
3.3 V
3.3 V
5 V
670 mA
700 mA
50 mA
200 mA
int. MOS
Regulator
Voltage
Current
Comment
Vpre
Vcore
Vcca
Vaux
6 V
3.3 V
3.3 V
5 V
800 mA
1.4 A
200 mA
200 mA
ext. PNP
use case 1: VCORE = 3.3 V, ICORE = 0.7 A, VCCA with int. MOS use case 2: VCORE = 1.2 V, ICORE = 1.4 A, VCCA with ext. PNP
1) CAN transceiver dissipation includes CAN_5V regulator dissipation.
2) 25 % CAN traffic means the CAN bus is dominant for 25 % of time and recessive for the remaining 75 %.
TOTAL PDIS =
0.765 W
TOTAL PDIS =
0.829 W
Vpre
25 %
Vcca
21 %
Vaux
5 %
Main contributors to the IC's Power dissipation
Vcore
33 %
Internal IC
8 %
CAN transceiver
8 %
Vcca
2 %
Vaux
5 %
CAN transceiver
7 %
Internal IC
7 %
Main contributors to the IC's Power dissipation
Vpre
28 %
Vcore
51 %
Figure 51. Power dissipation use case
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
67 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com