Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4500 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 92Page - NXP Semiconductors FS4500 Datasheet HTML 93Page - NXP Semiconductors FS4500 Datasheet HTML 94Page - NXP Semiconductors FS4500 Datasheet HTML 95Page - NXP Semiconductors FS4500 Datasheet HTML 96Page - NXP Semiconductors FS4500 Datasheet HTML 97Page - NXP Semiconductors FS4500 Datasheet HTML 98Page - NXP Semiconductors FS4500 Datasheet HTML 99Page - NXP Semiconductors FS4500 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
Description
Report the configuration of the DEBUG mode
0
Normal operation
1
Debug mode selected
DBG_HW
Reset condition Power on reset/refresh after LPOFF
Table 35. HW_CONFIG description and configuration of the bits (default value in bold)...continued
13.3.8 WU_SOURCE
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
0
0
0
1
0
0
1
0
0
0
0
0
0
0
0
0
 
MISO
SPI_G
WU_G
CAN_G
LIN_G
IO_G
VPRE
_G
VCORE
_G
VOTHERS_
G
IO_5_WU
IO_4_WU
IO_3_WU
IO_2_WU
IO_0_WU
AUTO_WU LDT_WU
PHY_WU
Table 36. WU_SOURCE register description
Description
Report a wake-up event from IO_5
0
No wake-up
1
Wake-up event detected
IO_5_WU
Reset condition Power on reset/read
Description
Report a wake-up event from IO_4
0
No wake-up
1
Wake-up event detected
IO_4_WU
Reset condition Power on reset/read
Description
Report a wake-up event from IO_3
0
No wake-up
1
Wake-up event detected
IO_3_WU
Reset condition Power on reset/read
Description
Report a wake-up event from IO_2
0
No wake-up
1
Wake-up event detected
IO_2_WU
Reset condition Power on reset/read
Description
Report a wake-up event from IO_0
0
No wake-up
1
Wake-up event detected
IO_0_WU
Reset condition Power on reset/read
Description
Report an automatic wake-up event
0
No wake-up
1
Wake-up event detected
AUTO_WU
Reset condition Power on reset/read
Table 37. WU_SOURCE description and configuration of the bits (default value in bold)
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
96 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com