Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP112B
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP112B Datasheet HTML 22Page - Texas Instruments TMP112B Datasheet HTML 23Page - Texas Instruments TMP112B Datasheet HTML 24Page - Texas Instruments TMP112B Datasheet HTML 25Page - Texas Instruments TMP112B Datasheet HTML 26Page - Texas Instruments TMP112B Datasheet HTML 27Page - Texas Instruments TMP112B Datasheet HTML 28Page - Texas Instruments TMP112B Datasheet HTML 29Page - Texas Instruments TMP112B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
When the ALERT pin is cleared, the above cycle repeats, with the ALERT pin becoming active when the
temperature equals or exceeds T(HIGH). The ALERT pin can also be cleared by resetting the device with the
general-call Reset command. This action also clears the state of the internal registers in the device, returning the
device to comparator mode (TM = 0).
Both operating modes are represented in Figure 7-9 and Figure 7-10. Table 7-12 and Table 7-13 list the format
for the THIGH and TLOW registers. The most significant byte is sent first, followed by the least significant byte. The
power-up reset values for T(HIGH) and T(LOW) are:
• THIGH = +80°C
• TLOW = +75°C
The format of the data for THIGH and TLOW is the same as for the Temperature Register.
Table 7-12. Bytes 1 and 2 of THIGH Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
(H12)
(H11)
(H10)
(H9)
(H8)
(H7)
(H6)
(H5)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
H3
H2
H1
H0
0
0
0
0
(H4)
(H3)
(H2)
(H1)
(H0)
(0)
(0)
(0)
Table 7-13. Bytes 1 and 2 of TLOW Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
(L12)
(L11)
(L10)
(L9)
(L8)
(L7)
(L6)
(L5)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
L3
L2
L1
L0
0
0
0
0
(L4)
(L3)
(L2)
(L1)
(L0)
(0)
(0)
(0)
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The TMP112 family is used to measure the PCB temperature of the board location where the device is mounted.
The programmable address options allow up to four locations on the board to be monitored on a single serial
bus.
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com