Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP112B
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP112B Datasheet HTML 29Page - Texas Instruments TMP112B Datasheet HTML 30Page - Texas Instruments TMP112B Datasheet HTML 31Page - Texas Instruments TMP112B Datasheet HTML 32Page - Texas Instruments TMP112B Datasheet HTML 33Page - Texas Instruments TMP112B Datasheet HTML 34Page - Texas Instruments TMP112B Datasheet HTML 35Page - Texas Instruments TMP112B Datasheet HTML 36Page - Texas Instruments TMP112B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
9 Device and Documentation Support
9.1 Documentation Support
9.1.1 Related Documentation
For related documentation see the following:
• Texas Instruments, TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial
Interface in SOT563, data sheet
• Texas Instruments, TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75
Form Factor and Pinout, data sheet
• Texas Instruments, TMP275 ±0.5°C Temperature Sensor With I2C and SMBus Interface in Industry Standard
LM75 Form Factor and Pinout, data sheet
• Texas Instruments, Ultralow Power Multi-Sensor Data Logger With NFC Interface, design guide
• Texas Instruments, Capacitive-Based Human Proximity Detection for System Wake-Up & Interrupt, design
guide
• Texas Instruments, Designing and Manufacturing with TI's X2SON Packages, design guide
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (June 2024) to Revision L (July 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Updated the typo for Average quiescent current “Serial bus active, SCL frequency = 2.85 MHz” typical value
from 30µA to 40µA............................................................................................................................................. 6
• Updated the typo for Shutdown current “Serial bus active, SCL frequency = 2.85 MHz” typical value from
25µA to 35µA......................................................................................................................................................6
• Updated empty graphs in the Typical Characteristics section.......................................................................... 10
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com