Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP112B
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP112B Datasheet HTML 24Page - Texas Instruments TMP112B Datasheet HTML 25Page - Texas Instruments TMP112B Datasheet HTML 26Page - Texas Instruments TMP112B Datasheet HTML 27Page - Texas Instruments TMP112B Datasheet HTML 28Page - Texas Instruments TMP112B Datasheet HTML 29Page - Texas Instruments TMP112B Datasheet HTML 30Page - Texas Instruments TMP112B Datasheet HTML 31Page - Texas Instruments TMP112B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
8.2.1 Design Requirements
The TMP112 family requires pullup resistors on the SCL, SDA, and ALERT pins. The recommended value for
the pullup resistors is 5kΩ. In some applications the pullup resistor can be lower or higher than 5kΩ but must
not exceed 3mA of current on any of those pins. A 0.01-μF bypass capacitor on the supply is recommended as
shown in Figure 8-1 and Figure 8-2. The SCL and SDA lines can be pulled up to a supply that is equal to or
higher than V+ through the pullup resistors. To configure one of four different addresses on the bus, connect the
ADD0 pin to either the GND, V+, SDA, or SCL pin. The TMP112Dx also provides four different address options
when only ALERT pin is used.
8.2.2 Detailed Design Procedure
Place the device in close proximity to the heat source that must be monitored, with a proper layout for good
thermal coupling. This placement verifies that temperature changes are captured within the shortest possible
time interval. To maintain accuracy in applications that require air or surface temperature measurement, take
care to isolate the package and leads from ambient air temperature. A thermally-conductive adhesive is helpful
in achieving accurate surface temperature measurement.
The TMP112 family is a very low-power device and generates very low noise on the supply bus. Applying an
RC filter to the V+ pin of the TMP112 family can further reduce any noise that the device can propagate to other
components. R(F) in Figure 8-3 must be less than 5 kΩ and C(F) must be greater than 10 nF.
Device
SCL
SDA
GND
V+
ALERT
ADD0
C
(F)
10 nF
≥
R
(F)
5 k
≤
Ω
Supply Voltage
Figure 8-3. Noise Reduction Techniques (for SOT563-6 package as an example)
8.2.3 Application Curve
Figure 8-4 shows the step response of the TMP112 to a submersion in an oil bath of 100ºC from room
temperature (25ºC). The time-constant, or the time for the output to reach 63% of the input step, is around 1.2s
for both packages. The time-constant result depends on the printed-circuit board (PCB) size that the TMP112 is
mounted. For this test, the TMP112 is soldered to a two-layer PCB that measured 0.5 inches × 0.5 inches.
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com