Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 34 Page - Texas Instruments

Part # TMP112B
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP112B Datasheet HTML 30Page - Texas Instruments TMP112B Datasheet HTML 31Page - Texas Instruments TMP112B Datasheet HTML 32Page - Texas Instruments TMP112B Datasheet HTML 33Page - Texas Instruments TMP112B Datasheet HTML 34Page - Texas Instruments TMP112B Datasheet HTML 35Page - Texas Instruments TMP112B Datasheet HTML 36Page - Texas Instruments TMP112B Datasheet HTML 37Page - Texas Instruments TMP112B Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
• Updated the Temperature Step Response in the Application Curve section 0.8s to 1.2s due to changing the
PCB size of mounted TMP112 from 0.375×0.437 inches to 0.5×0.5 inches.................................................... 28
Changes from Revision J (February 2024) to Revision K (June 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed the "Conversion time" for TMP112A/B/N throughout the document................................................... 1
• Changed the active, shutdown, average, and delay quiescent current for TMP112A/B/N throughout the
document............................................................................................................................................................ 1
• Added TMP112D (DRL packaged) throughout the document............................................................................ 4
• Changed DRL package Thermal Information section.........................................................................................5
• Changed "Conversion time" in Electrical Characteristics table for TMP112A/B/N..............................................6
• Changed and updated Average quiescent current specs for DRL package with DPW package in the Electrical
Characteristics table........................................................................................................................................... 6
• Added Average quiescent current MAX to the “Serial bus inactive, CR1 = 0, CR0 = 1” in the Electrical
Characteristics table........................................................................................................................................... 6
• Changed Average quiescent current “Serial bus inactive, CR1 = 1, CR0 = 0” for DRL package in Electrical
Characteristics table........................................................................................................................................... 6
• Changed Average quiescent current “Serial bus active, SCL frequency = 400 kHz” for DRL package in
Electrical Characteristics table............................................................................................................................6
• Added Average quiescent current “Serial bus active, SCL frequency = 1 MHz” for DRL package in Electrical
Characteristics table........................................................................................................................................... 6
• Changed Average quiescent current “Serial bus active, SCL frequency = 2.85 MHz” for DRL package in
Electrical Characteristics table............................................................................................................................6
• Changed the frequency from 3.4 to 2.85 MHz in the POWER SUPPLY section of the Electrical Characteristics
table.................................................................................................................................................................... 6
• Changed and updated Shutdown current specs for DRL package with DPW package in the Electrical
Characteristics table........................................................................................................................................... 6
• Changed Shutdown current “Serial bus inactive” for DRL package in the Electrical Characteristics table........ 6
• Changed Shutdown current “Serial bus active, SCL frequency = 400 kHz” for DRL package in Electrical
Characteristics table........................................................................................................................................... 6
• Added Shutdown current “Serial bus active, SCL frequency = 1 MHz” for DRL package in Electrical
Characteristics table........................................................................................................................................... 6
• Changed Shutdown current “Serial bus active, SCL frequency = 2.85 MHz” for DRL package in Electrical
Characteristics table........................................................................................................................................... 6
• Changed Average Quiescent Current vs Temperature, Shutdown Current vs Temperature, Conversion Time
vs Temperature, and Quiescent Current vs Bus Frequency graphs for TMP112A/B/N in the Typical
Characteristics section........................................................................................................................................9
Changes from Revision I (December 2018) to Revision J (February 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed all instances of legacy terminology to controller and peripheral where I2C is mentioned .................. 1
• Added X2SON (DPW) package (TMP112Dx) and related information throughout the document .....................1
• Changed reporting quiescent current from previous Maximum values to Typical values in the Features section
............................................................................................................................................................................1
• Added Device Comparison section ................................................................................................................... 3
• Added Output current (±10mA) to Absolute Maximum Ratings section............................................................. 5
• Added DPW package to Thermal Information section........................................................................................5
• Added Thermal Mass to Thermal Information section........................................................................................5
• Added TMP112Dx (DPW package) information to Electrical Characteristics ....................................................6
• Changed “Timeout time” in description to “Timeout (SCL=GND or SDA=GND)”............................................... 6
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com