Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP112B
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP112B Datasheet HTML 9Page - Texas Instruments TMP112B Datasheet HTML 10Page - Texas Instruments TMP112B Datasheet HTML 11Page - Texas Instruments TMP112B Datasheet HTML 12Page - Texas Instruments TMP112B Datasheet HTML 13Page - Texas Instruments TMP112B Datasheet HTML 14Page - Texas Instruments TMP112B Datasheet HTML 15Page - Texas Instruments TMP112B Datasheet HTML 16Page - Texas Instruments TMP112B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
7 Detailed Description
7.1 Overview
The TMP112 family of devices are digital temperature sensors that are designed for thermal-management
and thermal-protection applications. The TMP112 family is two-wire, SMBus, and I2C interface-compatible. The
device is specified over an operating temperature range of –40°C to 125°C. Figure 7-1 and Figure 7-2 show
block diagrams of the TMP112 family. Figure 7-3 shows the ESD protection circuitries contained in the TMP112
family.
The temperature sensor in the TMP112 family is the chip. Thermal paths run through the package leads as
well as the plastic package. The package leads provide the primary thermal path because of the lower thermal
resistance of the metal.
An alternative version of the TMP112 family is available. The TMP102 device has reduced accuracy, the same
micro-package, and is pin-to-pin compatible.
Table 7-1. Advantages of TMP112 Family Versus TMP102 and TMP110
DEVICE
COMPATIBLE
INTERFACES
PACKAGE
SUPPLY
CURRENT
(Typ)
SUPPLY
VOLTAGE
(MIN)
SUPPLY
VOLTAGE
(MAX)
RESOLUTION
LOCAL SENSOR
ACCURACY (MAX)
SPECIFIED
CALIBRATION
DRIFT SLOPE
TMP112A/B/
N
I2C
SMBus
SOT563
1.6 × 1.6 × 0.6
4.8µA
(at 4-Hz)
3.2µA
(at 1-Hz)
1.4 V
3.6 V
12 Bit
0.0625°C
±0.5°C: (0°C to 65°C)
±1°C: (-40°C to 125°C)
Yes
TMP112D/D
0/D1/D2/D3
I2C
SMBus
SOT563
1.6 × 1.6 × 0.6
X2SON
0.8 × 0.8 × 0.4
4.8µA
(at 4-Hz)
3.2µA
(at 1-Hz)
1.4 V
3.6 V
12 Bit
0.0625°C
±0.5°C: (-25°C to 85°C)
±1°C: (-40°C to 125°C)
Yes
TMP110
I2C
SMBus
X2SON
0.8 × 0.8 × 0.4
3.2µA
(at 1-Hz)
1.14 V
5.5 V
12 Bit
0.0625°C
±1°C: (-40°C to 125°C)
Yes
TMP102
I2C
SMBus
SOT563
1.6 × 1.6 × 0.6
4.8µA
(at 4-Hz)
3.2µA
(at 1-Hz)
1.4 V
3.6 V
12 Bit
0.0625°C
±2°C: (25°C to 85°C)
±3°C: (-40°C to 125°C)
No
7.2 Functional Block Diagrams
Diode
Temp.
Sensor
DS
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
andTemp.
Register
TMP112
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
Figure 7-1. Internal Block Diagram (SOT563-6
Package)
Diode
Temp.
Sensor
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
5 V+
1
GND
4 SDA
2
SCL
ALERT/
ADD0
3
TMP112Dx
Figure 7-2. Internal Block Diagram (X2SON-5
Package)
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com