Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP112B
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B Datasheet(HTML) 5 Page - Texas Instruments

  TMP112B Datasheet HTML 1Page - Texas Instruments TMP112B Datasheet HTML 2Page - Texas Instruments TMP112B Datasheet HTML 3Page - Texas Instruments TMP112B Datasheet HTML 4Page - Texas Instruments TMP112B Datasheet HTML 5Page - Texas Instruments TMP112B Datasheet HTML 6Page - Texas Instruments TMP112B Datasheet HTML 7Page - Texas Instruments TMP112B Datasheet HTML 8Page - Texas Instruments TMP112B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over free-air temperature range unless otherwise noted(1)
MIN
MAX
UNIT
Supply voltage (V+)
4
V
Voltage at SCL, ADD0, and SDA
–0.5
4
V
Voltage at ALERT
((V+) + 0.3)
and ≤ 4
V
Output current
±10
mA
Operating temperature
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–60
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250- CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V+
Supply voltage
1.4
3.3
3.6
V
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
TMP112A/B/D/N
TMP112Dx
UNIT
DRL (SOT563)
DPW (X2SON)
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
240.2
230
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
96.4
194
°C/W
RθJB
Junction-to-board thermal resistance
124.3
158.4
°C/W
ψJT
Junction-to-top characterization parameter
4.0
20
°C/W
ψJB
Junction-to-board characterization parameter
123.1
158.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
108.4
°C/W
MT
Thermal Mass
1.97
0.46
mJ/°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com