Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 29 Page - Texas Instruments

Part # TMP112B
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP112B Datasheet HTML 25Page - Texas Instruments TMP112B Datasheet HTML 26Page - Texas Instruments TMP112B Datasheet HTML 27Page - Texas Instruments TMP112B Datasheet HTML 28Page - Texas Instruments TMP112B Datasheet HTML 29Page - Texas Instruments TMP112B Datasheet HTML 30Page - Texas Instruments TMP112B Datasheet HTML 31Page - Texas Instruments TMP112B Datasheet HTML 32Page - Texas Instruments TMP112B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Time (s)
-1
0
1
2
3
4
5
6
7
8
9
10 11 12
20
30
40
50
60
70
80
90
100
110
DRL package
DPW package
Figure 8-4. Temperature Step Response
8.2.4 Power Supply Recommendations
The TMP112 family operates with power supply in the range of 1.4 to 3.6 V. The device is optimized for operation
at 3.3-V supply but can measure temperature accurately in the full supply range.
A power-supply bypass capacitor is required for proper operation. Place this capacitor as close as possible to
the supply and ground pins of the device. A typical value for this supply bypass capacitor is 0.01μF. Applications
with noisy or high-impedance power supplies can require additional decoupling capacitors to reject power-supply
noise.
8.3 Layout
8.3.1 Layout Guidelines
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.01μF. Additional decoupling capacitance can be added to compensate
for noisy or high-impedance power supplies. Pull up the open-drain output pins (SDA, SCL) through 5kΩ
pullup resistors. However, using a minimal SDA and ALERT pins pull-up current is recommended to prevent
self-heating and temperature accuracy reduction.
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com