Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP112B
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B Datasheet(HTML) 1 Page - Texas Instruments

  TMP112B Datasheet HTML 1Page - Texas Instruments TMP112B Datasheet HTML 2Page - Texas Instruments TMP112B Datasheet HTML 3Page - Texas Instruments TMP112B Datasheet HTML 4Page - Texas Instruments TMP112B Datasheet HTML 5Page - Texas Instruments TMP112B Datasheet HTML 6Page - Texas Instruments TMP112B Datasheet HTML 7Page - Texas Instruments TMP112B Datasheet HTML 8Page - Texas Instruments TMP112B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and
Two-Wire Serial Interface in SOT563 and X2SON Packages
1 Features
• TMP112A accuracy without calibration:
– ±0.5°C (maximum) from 0°C to +65°C (3.3V)
– ±1.0°C (maximum) from –40°C to +125°C
• TMP112B accuracy without calibration:
– ±0.5°C (maximum) from 0°C to +65°C (1.8V)
– ±1.0°C (maximum) from –40°C to +125°C
• TMP112N accuracy without calibration:
– ±1.0°C (maximum) from –40°C to +125°C
• TMP112Dx accuracy without calibration:
– ±0.5°C (maximum) from -25°C to 85°C (V+ ≥
1.5V)
– ±1.0°C (maximum) from –40°C to 125°C
• SOT563 package (1.6mm × 1.6mm)
• X2SON package (0.8mm × 0.8mm)
• Low quiescent current:
– 7.5-μA active (maximum), 0.35-μA shutdown
(maximum)
• Supply range: 1.4V to 3.6V
• Resolution: 12 Bits
• Digital output: SMBus™, Two-Wire, and I2C
interface compatibility
• NIST traceable
2 Applications
• Building automation
– Occupancy detection
– Video doorbell
– HVAC: Wireless environmental sensor
• Factory automation & control
– Machine vision camera
– Industrial PC: Single board computer
– CPU (PLC controller)
• Cold chain
• Data center & enterprise computing
– Solid state drive (SSD)
– Rack Server Motherboard
• Personal electronics
– PC & notebooks, tablets
– Digital still & video camera
– Augmented reality glasses
– Smart speakers
3 Description
The TMP112 family of devices are digital temperature
sensors designed for high-accuracy, low-power,
NTC/PTC
thermistor
replacements
where
high
accuracy is required. The TMP112A, TMP112B,
TMP112Dx offer 0.5°C accuracy and are optimized to
provide the best PSR performance for 3.3V, 1.8V and
≥1.5V operation respectively, while TMP112N offers
1°C accuracy. These temperature sensors are highly
linear and do not require complex calculations or
lookup tables to derive the temperature. The on-chip
12-bit ADC offers resolutions down to 0.0625°C.
The 1.6mm × 1.6mm SOT563 package is 68%
smaller footprint than an SOT23 package while
TMP112Dx
utilizes
ultra-small
(0.64mm2)
5-pin
package. The TMP112 family features SMBus, two-
wire and I2C interface compatibility, and allows up to
four devices on one bus. The device also features
an SMBus alert function or variant. The device is
specified to operate over supply voltages from 1.4V
to 3.6V with the typical quiescent current 3.2µA over
the full operating range.
The TMP112 family is designed for extended
temperature
measurement
in
communication,
computer, consumer, environmental, industrial, and
instrumentation applications. The device is specified
for operation over a temperature range of –40°C to
125°C.
The TMP112 family production units are 100%
tested against sensors that are NIST-traceable and
are verified with equipment that are NIST-traceable
through ISO/IEC 17025 accredited calibrations.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TMP112A/B/D/N
SOT563 (6)
1.6mm × 1.6mm
TMP112D/D0/D1/
D2/D3
X2SON (5)
0.8mm × 0.8mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Diode
Temp.
Sensor
DS
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
andTemp.
Register
TMP112
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
Block Diagram (SOT563 Package)
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP112B

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
TMP112B UMW-TMP112B Datasheet
763Kb / 17P
Temperature range: -55°C ~ 150°C
logo
Texas Instruments
TMP112B TI1-TMP112B Datasheet
1Mb / 47P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
TMP112B TI1-TMP112B Datasheet
1Mb / 41P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
JULY 2024
TMP112BIDRLR TI1-TMP112BIDRLR Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
logo
Guangdong Youtai Semico...
TMP112BIDRLR UMW-TMP112BIDRLR Datasheet
763Kb / 17P
Temperature range: -55°C ~ 150°C
More results

Similar Description - TMP112B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com