Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249VM140 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # SCF5249VM140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VM140 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button SCF5249VM140 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Signal Descriptions
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
27
8.20.2 Test Reset/Development Serial Clock
The TEST[3:0] signals determine the function of the TRST/DSCLK dual-purpose pin. If
TEST[3:0]=0001, the DSCLK function is selected. If TEST[3:0]= 0000, the TRST function is selected.
TEST[3:0] should not be changed while RSTI = 1. When used as TRST, this pin will asynchronously reset
the internal JTAG controller to the test logic reset state, causing the JTAG instruction register to choose
the ìbypassî command. When this occurs, all the JTAG logic is benign and will not interfere with the
normal functionality of the SCF5249 processor. Although this signal is asynchronous, Freescale
recommends that TRST make only a 0 to 1 (asserted to negated) transition while TMS is held at a logic 1
value. TRST has an internal pullup so that if it is not driven low its value will default to a logic level of 1.
However, if TRST will not be used, it can either be tied to ground or, if TCK is clocked, it can be tied to
VDD. If it is tied to ground, it will place the JTAG controller in the test logic reset state immediately. If it
is tied to VDD, it will cause the JTAG controller (if TMS is a logic 1) to eventually end up in the test logic
reset state after 5 clocks of TCK. This pin is also used as the development serial clock (DSCLK) for the
serial interface to the Debug Module.The maximum frequency for the DSCLK signal is 1/5 the BCLKO
frequency.
8.20.3 Test Mode Select/Break Point
The TEST[3:0] signals determine the TMS/BKPT pin function. If TEST[3:0] =0001, the BKPT function
is selected. If TEST[3:0] = 0000, then the TMS function is selected. TEST[3:0] should not change while
RSTI = 1. When used as TMS, this input signal provides the JTAG controller with information to determine
which test operation mode should be performed. The value of TMS and current state of the internal
16-state JTAG controller state machine at the rising edge of TCK determine whether the JTAG controller
holds its current state or advances to the next state. This directly controls whether JTAG data or instruction
operations occur. TMS has an internal pullup so that if it is not driven low, its value will default to a logic
level of 1. However, if TMS will not be used, it should be tied to VDD. This pin also signals a hardware
breakpoint to the processor when in the debug mode.
8.20.4 Test Data Input/Development Serial Input
The TDI/DS is a dual-function pin. If TEST[3:0] = 0001, then DSI is selected. If TEST[3:0] = 0000, then
TDI is selected. When used as TDI, this input signal provides the serial data port for loading the various
JTAG shift registers composed of the boundary scan register, the bypass register, and the instruction
register. Shifting in of data depends on the state of the JTAG controller state machine and the instruction
currently in the instruction register. This data shift occurs on the rising edge of TCK. TDI also has an
internal pullup so that if it is not driven low its value will default to a logic level of 1. However, if TDI will
not be used, it should be tied to VDD. This pin also provides the single-bit communication for the debug
module commands.
8.20.5 Test Data Output/Development Serial Output
The TDO/DSO is a dual-function pin. When TEST[3:0] = 0001, then DSO is selected. When TEST[3:0]
= 0000, TDO is selected. When used as TDO, this output signal provides the serial data port for outputting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com