Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249VM140 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # SCF5249VM140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VM140 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button SCF5249VM140 Datasheet HTML 42Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 43Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 44Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 45Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 46Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 47Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 48Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 49Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Pin-Out and Package Information
Freescale Semiconductor
46
Figure 19. SCLK Input/Output, SDATAI Input Timing Diagram
10
Pin-Out and Package Information
10.1 Pinning Chart
Table 33. SCLK INPUT, SDATAI INPUT Timing Specifications
Name
Characteristic
Unit
Min
Max
TSU
SDATAI IN to SCLKn
-5
—
ns
TH
SCLK rise to SDATAI
3
—
ns
Table 34. 144 QFP Pin Assignments
144 QFP
Pin
Number
Name
Type
Description
01
SCL/QSPI_CLK
I/O
IIC clock/QSPI clock pin function
select is PLLCR(11)
02
CS0
O
static chip select 0
03
A21
O
SDRAM address / static adr
04
A11
O
SDRAM address / static adr
05
A10
O
SDRAM address / static adr
06
A9
O
SDRAM address / static adr
07
A18
O
SDRAM address / static adr
08
A17
O
SDRAM address / static adr
09
BCLK/GPIO10
I/O
sdram clock output
SCLK
SDATA1, 3, 4 (INPUT)
TSU
TH
(
INPUT OR OUTPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com