Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249VM140 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # SCF5249VM140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VM140 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button SCF5249VM140 Datasheet HTML 8Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 9Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 10Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 11Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 12Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 13Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 14Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 15Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
General Device Information
Freescale Semiconductor
12
5.23 JTAG
To help with system diagnostics and manufacturing testing, the SCF5249 includes dedicated
user-accessible test logic that complies with the IEEE 1149.1A standard for boundary scan testability,
often referred to as Joint Test Action Group, or JTAG. For more information, refer to the IEEE 1149.1A
standard. Freescale provides BSDL files for JTAG testing.
5.24 System Debug Interface
The ColdFire processor core debug interface supports real-time instruction trace and debug, plus
background-debug mode. A background-debug mode (BDM) interface provides system debug.
In real-time instruction trace, four status lines provide information on processor activity in real time (PST
pins). A four-bit wide debug data bus (DDATA) displays operand data and change-of-flow addresses,
which helps track the machine’s dynamic execution path.
5.25 Crystal and On-chip PLL
Typically, an external 16.92 Mhz or 33.86 Mhz clock input is used for CD R/W applications, while an
11.2896 MHz clock is more practical for Portable CD player applications. However, the on-chip
programmable PLL, which generates the processor clock, allows the use of almost any low frequency
external clock (5-35 Mhz).
Two clock outputs (MCLK1 and MCLK2) are provided for use as Audio Master Clock. The output
frequencies of both outputs are programmable to Fxtal, Fxtal/2, Fxtal/3, and Fxtal/4. The Fxtal/3 option is
only available when the 33.86 Mhz crystal is connected.
The SCF5249 supports VCO operation of the oscillator by means of a 16-bit pulse density modulation
output. Using this mode, it is possible to lock the oscillator to the frequency of an incoming IEC958 or IIS
signal. The maximum trim depends on the type and design of the oscillator. Typically a trim of +/- 100
ppm can be achieved with a crystal oscillator and over +/- 1000 ppm with an LC oscillator.
6
General Device Information
The SCF5249 is available in a 160-pin MAP BGA package, or a 144-pin QFP package.
7
Documentation
Table 3 lists the documents that provide a complete description of the SCF5249 and are required to design
properly with the part. Documentation is available from a local Freescale distributor, a Freescale
semiconductor sales office, a Freescale Literature Distribution Center, or through the Freescale DSP home
page on the internet; http://www.freescale.com/
(the source for the latest information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com