Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249VM140 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # SCF5249VM140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VM140 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button SCF5249VM140 Datasheet HTML 47Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 48Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 49Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 50Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 51Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 52Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 53Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 54Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Pin-Out and Package Information
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
51
116
DDATA2/GPIO2
I/O
debug
117
CTS2_B/ADIN3/GPI31
I
second UART clear /
AD input 3
118
DDATA0/GPIO0
I/O
debug
119
RXD2/GPI28/ADIN2
I
second UART receive data input /
AD input 2
120
TDSO
O
JTAG/debug
121
RTS2_B/GPO31
O
second UART request to send
122
SDATAI3/GPI41
I
audio interfaces serial data input 3
123
CTS1_B/GPI30
I
first UART clear to send
124
TXD2/GPO28
O
second UART transmit data output
125
RTS1_B/GPO30
O
first UART request to send
126
EBUIN4/ADIN1/GPI39
I
audio interfaces EBU input 4 / AD
input 1
127
TXD1/GPO27
O
first UART transmit data output
128
128 RXD1/GPI27
I
first UART receive data input
129
CS1/GPIO58
I/O
chip select 1
130
CORE-GND
CORE-GND
131
A1
O
SDRAM address / static adr
132
TIN1/GPIO23
I/O
Timer input 1
133
A2
O
address
134
A3
O
address
135
PAD-GND
PAD-GND
136
A4
O
address
137
A6
O
address
138
A5
O
address
139
A8
O
address
140
A7
O
address
Table 34. 144 QFP Pin Assignments (continued)
144 QFP
Pin
Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com