Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249VM140 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # SCF5249VM140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VM140 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button SCF5249VM140 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
30
9.1
Supply Voltage Sequencing and Separation Cautions
Figure 2 shows two situations to avoid in sequencing the CoreVdd and PADVdd (I/O) and PLLL supplies.
Figure 2. Supply Voltage Sequencing and Separation Cautions
CoreVdd supply should not be allowed to rise early (1). This is usually avoided by running the regulator
for the CoreVdd supply (1.8 V) from the voltage generated by the 3.3V supply (PADVdd). This keeps the
CoreVdd supply from rising faster than PADVdd supply.
Also CoreVdd, PLLGVdd, PLLCVdd supply should not rise so late that a large voltage difference is
allowed between the two supplies (2). Typically this situation is avoided by using external discrete diodes
in series between supplies. The series diodes forward bias when the difference between PADVdd and
CoreVdd reaches approximately 2.1V, causing CoreVdd to rise as PADVdd ramps up. When the CoreVdd
regulator begins proper operation, the difference between supplies should not exceed 1.5 V and conduction
through the diode chain reduces to essentially leakage current.
During supply sequencing, the following general relationship should be adhered to: PADVdd, >=
CoreVdd, PLLGVdd, >= (PADVdd - 2.1 V).
The PLL core supplies (PLLGVdd and PLLCVdd) should comply with these constraints just as the
CoreVdd does. In practice, PLLGVdd and PLLCVdd are typically connected directly to the CoreVdd with
some filtering. Further, the PLL PAD supply (PLL1VDD) would be connected directly to the PAD supply
via some filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com