Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249VM140 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # SCF5249VM140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VM140 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  SCF5249VM140 Datasheet HTML 1Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 2Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 3Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 4Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 5Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 6Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 7Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 8Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
SCF5249 Feature Details
Freescale Semiconductor
4
•
DMA controller
— Four fully programmable channels: Two dedicated to the audio interface module and two
dedicated to the UART module (External requests are not supported.)
— Supports dual- and single-address transfers with 32-bit data capability
— Two address pointers that can increment or remain constant
— 16-/24-bit transfer counter
— Operand packing and unpacking support
— Auto-alignment transfers supported for efficient block movement
— Supports bursting and cycle stealing
— All channels support memory to memory transfers
— Interrupt capability
— Provides two clock cycle internal access
•
Enhanced Multiply-accumulator Unit
— Single-cycle multiply-accumulate operations for 32 x 32 bit and 16 x 16 bit operands
— Support for signed, unsigned, integer, and fixed-point fractional input operands
— Four 48-bit accumulators to allow the use of a 40-bit product
— The addition of 8 extension bits to increase the dynamic number range
— Fast signed and unsigned integer multiplies
•
8-KByte Direct Mapped instruction cache
— Clock-doubled to match microprocessor core speed
— Flush capability
— Non-blocking cache provides fast access to critical code and data
•
96-KByte SRAM
— Provides one-cycle access to critical code and data
— Split into two banks, SRAM0 (32K), and SRAM1 (64K)
— DMA requests to/from internal SRAM1 supported
•Crystal Trim
— The XTRIM output can be used to trim an external crystal oscillator circuit which would
allow lock with an incoming IEC958 or serial audio signal
•
Audio Interfaces
— IEC958 input and output
— Four serial Philips IIS/Sony EIAJ interfaces
– One with input and output, one with output only, two with input only (Three inputs, two
outputs)
– Master and Slave operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com