Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249VM140 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # SCF5249VM140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VM140 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button SCF5249VM140 Datasheet HTML 46Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 47Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 48Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 49Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 50Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 51Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 52Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 53Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Pin-Out and Package Information
Freescale Semiconductor
50
89
IDE-DIOW/GPIO14
I/O
ide diow
90
CRIN
I
crystal
91
IDE-DIOR/GPIO13
I/O
ide dior
92
IDE-IORDY/GPIO16
I/O
ide iordy
93
MCLK1/GPO39
O
Audio master clock output 1
94
MCLK2/GPO42
O
Audio master clock output 2
95
XTRIM/GPO38
O
audio interfaces X-tal trim
96
TRST/DSCLK
I
Debug / interrupt monitor output 2
97
CORE-VDD
CORE-VDD
98
RW_B
O
Bus write enable
99
TMS/BKPT
I
JTAG/debug
100
CORE-GND
CORE-GND
101
TCK
I
JTAG
102
PAD-GND
PAD-GND
103
PST3/GPIO62
I/O
debug
104
CNPSTCLK/GPO63
O
debug
105
PST1/GPIO60
I/O
debug
106
PAD-VDD
PAD-VDD
107
PST2/GPIO61
I/O
debug
108
PST0/GPIO59
I/O
debug
109
TDI/DSI
I
jtag/debug
110
TEST0
I
test
111
TIN0/GPI33
I
timer input 0
112
HI-Z
I
jtag
113
DDATA3/GPIO4
I/O
debug
114
TOUT0/GPO33
O
timer output 0
115
DDATA1/GPIO1
I/O
debug
Table 34. 144 QFP Pin Assignments (continued)
144 QFP
Pin
Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com