Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249VM140 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # SCF5249VM140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VM140 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button SCF5249VM140 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 34Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 35Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 36Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 37Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 38Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 39Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 40Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Electrical Characteristics
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
37
Figure 9. SDRAM Write Cycle
Table 23. Debug AC Timing Specification
Num
Characteristic
Units
Min
Max
D1
PSTCLK to signal Valid (Output valid)
---
6
nSec
D2
PSTCLK to signal Invalid (Output hold)
1.8
—
nSec
D31
Signal Valid to PSTCLK (Input setup)
3
—
nSec
D4
PSTCLK to signal Invalid (Input hold)
5
—
nSec
1.
DSCLK and DSI are internally synchronized. This setup time must be met only if recognition
on a particular clock is required.
2.
AC timing specs assume 50pF load capacitance on PSTCLK and output pins. If this value is
different, the input and output timing specifications would need to be adjusted to match the
clock load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com