Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62021FP
Description  System Reset IC with Switch for Memory Backup
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62021FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62021FP Datasheet HTML 1Page - Renesas Technology Corp M62021FP Datasheet HTML 2Page - Renesas Technology Corp M62021FP Datasheet HTML 3Page - Renesas Technology Corp M62021FP Datasheet HTML 4Page - Renesas Technology Corp M62021FP Datasheet HTML 5Page - Renesas Technology Corp M62021FP Datasheet HTML 6Page - Renesas Technology Corp M62021FP Datasheet HTML 7Page - Renesas Technology Corp M62021FP Datasheet HTML 8Page - Renesas Technology Corp M62021FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M62021L/P/FP
REJ03D0784-0200 Rev.2.00 Jun 15, 2007
Page 4 of 13
Test Circuit
3
A
1
R1
V1
VIN
Vm1
SW2
SW1
Im1
12
7
RES
5
RES
VOUT
2
VBAT
4
Ct
8
CS
R2
D1
–
+
1.24V
V2
Com
SW3
4.7
µF
M62021
SW5
SW6
SW7
SW4
Reset
circuit
Delay
circuit
6
GND
A
CRT
V
V
Vm4
V
+
Vm3
V
Vm2
IF2
IF1
Im2
1
2
3
4
5
6
2
2
1
1
3
Figure 1 Test Circuit
Switch Matrix
SW
Item
Symbol
V1
V2
IF1
IF2
1
2
3
4
5
6
7
Measuring
Instrument
4V
Circuit current
ICC
5V
—
—
—
1
ON
OFF
1
OFF
1
1
Im1
VOUT
2
CS
3
Ct
4
RES
5
Detection voltage
(VIN negative-going)
RES
VS
(VSL)
Decrease
from 5V
—
—
—
1
ON
OFF
1
OFF
6
1
*
2
Vm4
CRT
Vm1
–50mA
Difference between input and output
voltage
VDROP
5V
—
–80mA
—
1
ON
OFF
1
OFF
2
2
Vm2
Ct output voltage (high level)
VOH(Ct)
5V
Ct output voltage (low level)
VOL(Ct)
4V
—
—
—
1
ON
OFF
1
OFF
4
1
Vm4
RES output voltage (high level)
VOH(RES)
4V
—
1
RES output voltage (low level)
VOL(RES)
5V
—
1mA
—
1
ON
OFF
1
OFF
5
2
Vm4
RES output voltage (high level)
VOH(RES)
5V
—
1
RES output voltage (low level)
VOL(RES)
4V
—
1mA
—
1
ON
OFF
1
OFF
6
2
Vm4
4V
—
CS output voltage (high level) *1
VOH(CS)
0V
3V
—
1
CS output voltage (low level)
VOL(CS)
5V
—
1mA
—
1
ON
OFF
1
OFF
3
2
Vm4
5V
Backup diode leakage current
IR
0V
3V
—
—
1
ON
OFF
2
OFF
1
1
Im2
Backup diode forward direction
voltage
VF
0V
—
—
10
µA
1
ON
OFF
3
ON
1
1
Vm3
VOUT
2
CS
3
RES
5
Delay time
Response time
RES
tpd
td
—
—
—
—
2
*
3
ON
ON
*
4
1
OFF
6
1
CRT
Notes: 1. To measure VOH(CS), insert a 1 MΩ resistor between the CS pin and GND.
2. While monitoring each output by Vm4 or CRT, measure the input voltage Vm1 when the output goes from H
to L and L to H. Regarding VSH, raise VIN from 4 V and measure the input voltage Vm1 when the output goes
from H to L and L to H.
∆V
S is VSH – VSL.
3. To measure delay time, change VIN from 0 V to 5 V and compare, with respect to each pin, the positive-going
edge observed on a monitor with that of VIN. To measure response time, change VIN from 5 V to 4 V and
compare, with respect to each pin, the negative-going edge observed on a monitor with that of VIN.
4. Set the switch to OFF when measuring response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com