Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62021FP
Description  System Reset IC with Switch for Memory Backup
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62021FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62021FP Datasheet HTML 4Page - Renesas Technology Corp M62021FP Datasheet HTML 5Page - Renesas Technology Corp M62021FP Datasheet HTML 6Page - Renesas Technology Corp M62021FP Datasheet HTML 7Page - Renesas Technology Corp M62021FP Datasheet HTML 8Page - Renesas Technology Corp M62021FP Datasheet HTML 9Page - Renesas Technology Corp M62021FP Datasheet HTML 10Page - Renesas Technology Corp M62021FP Datasheet HTML 11Page - Renesas Technology Corp M62021FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M62021L/P/FP
REJ03D0784-0200 Rev.2.00 Jun 15, 2007
Page 8 of 13
Timing Chart
V1 = VIN – VDROP
V2 = VIN – Q4VEB(Di)
V3 = VIN(VSL) – VDROP
V4 = VIN(VSL) – Q4VEB(Di)
V5 = VBAT – VF
∆VS
VSH
V1
V2
V2
V3
V4
V4
V5
V5
VIN(VSL)
VIN(VSL)
5V
VOH(RES)
VOL(RES)
VOL(CS)
VOL(RES)
VSL
tpd
tpd
5V
0V
RES
CS
RES
VOUT
VIN
Figure 6 Timing Chart
In Normal Operation
In Failure (Instantaneous
Drop)
Restoration from Failure
(Instantaneous Drop)
In Backup State
Input
Voltage
Output
Pin
Input voltage: 5V
Input voltage: 5V
→4V
Each output varies if the input
voltage drops to VSL or under
Input voltage: 4V
→5V
If the input voltage goes higher
than VSL by 100mV, each
output varies after delay
produced by the delay circuit
Input voltage: 0V
Backup voltage: 3V
VOUT
With Q4 set to ON,
a voltage (VIN – VDROP)
is output
Q4 is turned OFF. A voltage
(VIN – Q4VEB(Di)) is output by
the diode between E and B of
Q4.
Q4 is turned ON after delay
and a voltage (VIN – VDROP) is
output.
VBAT – VF
RES
The output level is VOL
(
RES) with a logic low
As the state shifts from a logic
low to logic high, the output
level becomes approximately
equal to the input voltage.
A logic high is maintained, and
than shifts to a logic high.
—
RES
The output level is VOH
(
RES) with a logic low
As the state shifts from a logic
high to logic low, the output
level becomes VOL (RES).
A logic low is held, and than
shifts to a logic high.
—
CS
The output level is VOL
(
CS) with a logic low
As the state shifts from a logic
low to logic high, the output
level becomes the voltage VIN –
Q4VEB(Di).
A logic high is maintained, and
than shifts to a logic high.
The output is a logic
high and the output
level is VBAT – VF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com