Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M62021FP
Description  System Reset IC with Switch for Memory Backup
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62021FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M62021FP Datasheet HTML 5Page - Renesas Technology Corp M62021FP Datasheet HTML 6Page - Renesas Technology Corp M62021FP Datasheet HTML 7Page - Renesas Technology Corp M62021FP Datasheet HTML 8Page - Renesas Technology Corp M62021FP Datasheet HTML 9Page - Renesas Technology Corp M62021FP Datasheet HTML 10Page - Renesas Technology Corp M62021FP Datasheet HTML 11Page - Renesas Technology Corp M62021FP Datasheet HTML 12Page - Renesas Technology Corp M62021FP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
M62021L/P/FP
REJ03D0784-0200 Rev.2.00 Jun 15, 2007
Page 9 of 13
Typical Characteristics
Circuit Curent vs. Input Voltage
16
0
02
1
3
45678
6
4
14
12
2
10
8
Input Voltage VIN (V)
1000
0
0
25
50
75
100
125
200
400
600
800
M62021FP
M62021P
M62021L
Detection Voltage vs. Ambient Temperature
Hysteresis Voltage vs. Ambient Temperature
Ambient Temperature Ta (°C)
4.48
4.32
–40
0
–20
20 40
80
60
120
100
4.34
4.36
4.38
4.42
4.46
4.40
4.44
Ambient Temperature Ta (°C)
140
60
–40
0
–20
20 40
80
60
120
100
70
80
90
110
130
100
120
Tj = 25°C
Circuit Curent vs. Ambient Temperature
Circuit Curent vs. Ambient Temperature
Ambient Temperature Ta (°C)
10
2
–40
0
–20
20 40
80
60
120
100
3
4
5
7
9
6
8
Ambient Temperature Ta (°C)
4.0
0
–40
0
–20
20 40
80
60
120
100
0.5
1.0
1.5
2.5
3.5
2.0
3.0
VIN = 5V
VIN = 4V
Thermal Derating
(Maximum Rating)
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com