Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021FP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M62021FP
Description  System Reset IC with Switch for Memory Backup
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62021FP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M62021FP Datasheet HTML 6Page - Renesas Technology Corp M62021FP Datasheet HTML 7Page - Renesas Technology Corp M62021FP Datasheet HTML 8Page - Renesas Technology Corp M62021FP Datasheet HTML 9Page - Renesas Technology Corp M62021FP Datasheet HTML 10Page - Renesas Technology Corp M62021FP Datasheet HTML 11Page - Renesas Technology Corp M62021FP Datasheet HTML 12Page - Renesas Technology Corp M62021FP Datasheet HTML 13Page - Renesas Technology Corp M62021FP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
M62021L/P/FP
REJ03D0784-0200 Rev.2.00 Jun 15, 2007
Page 11 of 13
Delay Time vs. Ambient Temperature
40
0
–40
0
–20
20 40
80
60
120
–40
0
–20
20 40
80
60
100 120
100
10
5
20
30
15
25
35
CS "L" Output Voltage vs.
Ambient Temperature
160
0
40
20
80
120
60
100
140
VIN = 5V
Isink = 1mA
VIN = 0V→5V
Ct = 4.7
µF
–40
0
–20
20 40
80
60
100 120
CS "H" Output Voltage vs.
Ambient Temperature
4.0
2.4
2.8
2.6
3.2
3.6
3.0
3.4
3.8
VIN = 4V
RCS = 1MΩ
Delay Time vs.
External Capacitance Connected to the Ct Pin
0.1
1
10
100
External Capacitance Connected to the Ct Pin Ct (
µF)
1000
1
100
10
VIN = 0V→5V
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com