Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M62021FP
Description  System Reset IC with Switch for Memory Backup
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62021FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M62021FP Datasheet HTML 6Page - Renesas Technology Corp M62021FP Datasheet HTML 7Page - Renesas Technology Corp M62021FP Datasheet HTML 8Page - Renesas Technology Corp M62021FP Datasheet HTML 9Page - Renesas Technology Corp M62021FP Datasheet HTML 10Page - Renesas Technology Corp M62021FP Datasheet HTML 11Page - Renesas Technology Corp M62021FP Datasheet HTML 12Page - Renesas Technology Corp M62021FP Datasheet HTML 13Page - Renesas Technology Corp M62021FP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
M62021L/P/FP
REJ03D0784-0200 Rev.2.00 Jun 15, 2007
Page 12 of 13
Package Dimensions
2.8 ±0.2
1.2 ±0.1
0.27
+0.07
-0.05
2.54
1.2
+0.1
-0.3
0.5 ±0.1
0.85
+0.3
-0.1
19.0 ±0.2
Previous Code
JEITA Package Code
RENESAS Code
PRSS0008AA-A
8P5
MASS[Typ.]
0.73g
P-SIP8-6.4x19-2.54
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
SEATING PLANE
85
4
1
*2
*3
*3
D
e
b2
b3
bp
2.79
2.29
4.5
A1
b3
15°
e
2.54
c
L
3.0
0.51
1.4
1.5
1.8
A
E
6.15
6.3
6.45
D
8.7
8.9
9.1
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.22
0.27
0.34
P-DIP8-6.3x8.84-2.54
0.5g
MASS[Typ.]
8P4
PRDP0008AA-A
RENESAS Code
JEITA Package Code
Previous Code
bp
0.4
0.5
0.6
e1
7.62
7.32
7.92
b2
0.9
1.0
1.3
A2
3.3
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com