Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62021FP
Description  System Reset IC with Switch for Memory Backup
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62021FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62021FP Datasheet HTML 1Page - Renesas Technology Corp M62021FP Datasheet HTML 2Page - Renesas Technology Corp M62021FP Datasheet HTML 3Page - Renesas Technology Corp M62021FP Datasheet HTML 4Page - Renesas Technology Corp M62021FP Datasheet HTML 5Page - Renesas Technology Corp M62021FP Datasheet HTML 6Page - Renesas Technology Corp M62021FP Datasheet HTML 7Page - Renesas Technology Corp M62021FP Datasheet HTML 8Page - Renesas Technology Corp M62021FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REJ03D0784-0200 Rev.2.00 Jun 15, 2007
Page 1 of 13
M62021L/P/FP
System Reset IC with Switch for Memory Backup
REJ03D0784-0200
Rev.2.00
Jun 15, 2007
Description
The M62021 is a system IC that controls the memory backup function of microcomputer (internal RAM).
The IC outputs reset signals (RES/
RES) to a microcomputer at power-down and power failure. It also shifts the power
supply to RAM from main to backup, outputs a signal (
CS) that invokes standby mode, and alters RAM to backup
circuit mode.
The M62021 contains, in a single chip, power supply monitor and RAM backup functions needed for a microcomputer
system, so that the IC makes it possible to construct a system easily and with fewer components compared with a
conventional case that uses individual ICs and discrete components.
Features
• Built-in switch for selection between main power supply and backup power supply to RAM.
• Small difference between input and output voltage (I
OUT = 80 mA, VIN = 5 V) 0.2 V Typ
• Detection voltage (power supply monitor voltage) 4.40 V ± 0.2 V
• Chip select signal output (CS)
• Two channels of reset outputs (RES/RES)
• Power on reset circuit built-in
• Delay time variable by an external capacitance connected to Ct pin
• Facilitates to form backup function with a few number of components
Application
• Power supply control systems for memory backup of microcomputer system and SRAM boards with built-in backup
function that require switching between external power supply and battery.
Block Diagram
3
1
R1
VIN
7
RES
5
RES
VOUT
2 VBAT
4 Ct
8
CS
R2
D1
–
+
1.24V
Com
SW
Reset
circuit
Delay
circuit
6
GND


Similar Part No. - M62021FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62021FP MITSUBISHI-M62021FP Datasheet
112Kb / 9P
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
More results

Similar Description - M62021FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62021L MITSUBISHI-M62021L Datasheet
112Kb / 9P
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
NXP Semiconductors
SA56600-42 PHILIPS-SA56600-42 Datasheet
135Kb / 12P
System reset for lithium battery backup
2001 Jun 19
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
Reset IC with battery backup function
logo
Mitsumi Electronics, Co...
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
IC for System Reset Monolithic IC
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
IC for CMOS System Reset
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
IC for System Reset (battery backup)
logo
Renesas Technology Corp
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
System Reset IC with Switch for 3V Memory Back-up
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com