Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62021FP
Description  System Reset IC with Switch for Memory Backup
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62021FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62021FP Datasheet HTML 3Page - Renesas Technology Corp M62021FP Datasheet HTML 4Page - Renesas Technology Corp M62021FP Datasheet HTML 5Page - Renesas Technology Corp M62021FP Datasheet HTML 6Page - Renesas Technology Corp M62021FP Datasheet HTML 7Page - Renesas Technology Corp M62021FP Datasheet HTML 8Page - Renesas Technology Corp M62021FP Datasheet HTML 9Page - Renesas Technology Corp M62021FP Datasheet HTML 10Page - Renesas Technology Corp M62021FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
M62021L/P/FP
REJ03D0784-0200 Rev.2.00 Jun 15, 2007
Page 7 of 13
Schmitt Trigger Circuit
Since waveforms show a gentle rise due to the RC delay circuit, INV1, INV2, R5, and R6 constitute a Schmitt trigger
circuit to produce hysteresis so as to prevent each output from chattering.
Internal Circuit
1
7
VOUT
2 VBAT
6 GND
8
CS
RES
–
+
Vref
1.24V
Com
VR
R11
10k
5
RES
4
Ct
3
VIN
R10
800
R8
10k
R3
22k
R2
24k
R1
60.94k
R7
10k
D1
Q4
Q1
Q2
Q3
Q5
INV4
INV3
INV6
INV5
INV9
INV8
INV7
INV2
INV1
R6
47k
R9
5k
R5
10k
R4
47
R10
22k
Figure 5 Internal Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com