Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021FP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M62021FP
Description  System Reset IC with Switch for Memory Backup
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62021FP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M62021FP Datasheet HTML 6Page - Renesas Technology Corp M62021FP Datasheet HTML 7Page - Renesas Technology Corp M62021FP Datasheet HTML 8Page - Renesas Technology Corp M62021FP Datasheet HTML 9Page - Renesas Technology Corp M62021FP Datasheet HTML 10Page - Renesas Technology Corp M62021FP Datasheet HTML 11Page - Renesas Technology Corp M62021FP Datasheet HTML 12Page - Renesas Technology Corp M62021FP Datasheet HTML 13Page - Renesas Technology Corp M62021FP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
M62021L/P/FP
REJ03D0784-0200 Rev.2.00 Jun 15, 2007
Page 10 of 13
Output Curent vs.
Difference between Input and Output Voltages
100
0
40
80
20
60
Difference between Input and Output Voltages
VDROP (mV)
0
50
100
200
150
250
Ambient Temperature Ta (°C)
–40
0
–20
20 40
80
60
100
Difference between Input and Output Voltages vs.
Ambient Temperature
Backup Di Forward Direction Voltage vs.
Ambient Temperature
Backup Di Forward Direction Current vs.
Backup Di Forward Direction Voltage
Ambient Temperature Ta (°C)
400
0
–40
0
–20
20 40
80
60
120
120
–40
0
–20
20 40
80
60
100 120
100
100
50
200
300
150
250
350
VIN = 5V
VIN = 5V
IOUT = 100mA
IOUT = 80mA
IOUT = 50mA
Backup Di Forward Direction Voltage VF (V)
160
0
00.2
0.1
0.3 0.4
0.6
0.5
0.8
0.7
40
20
80
120
60
100
140
0.8
0
0.2
0.1
0.4
0.6
0.3
0.5
0.7
IF = 100µA
IF = 10µA
IF = 1µA
Ambient Temperature Ta (°C)
RES "L" Output Voltage vs.
Ambient Temperature
80
0
20
10
40
60
30
50
70
VIN = 5V
Isink = 1mA
–40
0
–20
20 40
80
60
100 120
Ambient Temperature Ta (°C)
RES "L" Output Voltage vs.
Ambient Temperature
80
0
20
10
40
60
30
50
70
VIN = 4V
Isink = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com