Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-A120 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 8Page - STMicroelectronics STSAFE-A120 Datasheet HTML 9Page - STMicroelectronics STSAFE-A120 Datasheet HTML 10Page - STMicroelectronics STSAFE-A120 Datasheet HTML 11Page - STMicroelectronics STSAFE-A120 Datasheet HTML 12Page - STMicroelectronics STSAFE-A120 Datasheet HTML 13Page - STMicroelectronics STSAFE-A120 Datasheet HTML 14Page - STMicroelectronics STSAFE-A120 Datasheet HTML 15Page - STMicroelectronics STSAFE-A120 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
3
Pairing with local host
To protect and authenticate the data exchange between the STSAFE-A120 and the local host, a secure channel
protocol using symmetric cryptography is set in place, namely the host secure-channel.
Figure 10. Host secure channel
IoT device
Local host
STSAFE-A120
Host secure channel
The host secure-channel protocol constitutes the pairing. It is based on a set of four mechanisms using two
symmetric keys, the so-called host keys. The host MAC key is used to compute and verify message
authentication codes (MAC) for the commands (C-MAC) and respective responses (R-MAC). The host cypher key
is used to encrypt the commands and decrypt their respective response to avoid eavesdropping.
The host MAC key and the host cipher key must be shared between the host and the STSAFE-A120.
The STSAFE-A120 supports AES-128 or AES-256 keys, and uses an incremental 32-bit C-MAC sequence
counter (the V2 slot type) for host key storage.
The C-MAC sequence counter determines the limitation of the usage of the host keys.
The number of C-MAC operations is limited to 232 - 1 operations. After that, the commands requiring a C-MAC will
fail. There is no mechanism to reset the counter.
When the STSAFE-A120 receives an invalid host C-MAC, it increments a ratification counter called the host C-
MAC ratification counter. When the counter reaches 50, the STSAFE-A120 refuses to use its host MAC key. Thus,
commands requiring a host C-MAC are refused. When the STSAFE-A120 receives a valid host C-MAC and
before the host MAC keys are blocked, it resets the host C-MAC ratification counter to 0.
The host keys can be provisioned with either:
•
Plaintext: The keys are sent by the host in plaintext within the command
•
Wrapped: The keys are sent wrapped with a working KEK (key encryption key) that is a one-time use key
derived from a volatile base KEK established by an ECDHE process.
Command flow for plaintext host keys provisioning
This use case assumes that the slots are empty.
1. The local host requests the STSAFE-A120 to generate a 128-bit random to be used as the host C-MAC key.
2. The local host requests the STSAFE-A120 to generate a 128-bit random to be used as the host cipher key.
3. The local host sends the PUT ATTRIBUTE command for the “Host key slot” attribute, together with the two
generated keys (forming a 256-bit payload).
4. The STSAFE-A120 stores the keys into their respective slots and returns a successful response.
5. The local host stores the host C-MAC and cipher keys to a secure area.
STSAFE-A120
Pairing with local host
DS14609 - Rev 1
page 12/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com