Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-A120 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 18Page - STMicroelectronics STSAFE-A120 Datasheet HTML 19Page - STMicroelectronics STSAFE-A120 Datasheet HTML 20Page - STMicroelectronics STSAFE-A120 Datasheet HTML 21Page - STMicroelectronics STSAFE-A120 Datasheet HTML 22Page - STMicroelectronics STSAFE-A120 Datasheet HTML 23Page - STMicroelectronics STSAFE-A120 Datasheet HTML 24Page - STMicroelectronics STSAFE-A120 Datasheet HTML 25Page - STMicroelectronics STSAFE-A120 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Table 4. Power-on and reset sequence timings
Name
Description
Conditions Min Typ Max Units
tHL
Minimum time for reset active after power-up
-
0
-
-
μs
SVCC
VCC rising slope (from 10% to 90% of nominal value)
-
-
-
5
V/μs
tWL Reset
Pulse width for reset(1)
-
5
-
-
μs
tR/tF Reset
Reset rise and fall time
VCC > VPOR
-
-
1
μs
tI2C_READY Delay for STSAFE-A120 to accept I²C commands after a reset sequence.
-
-
4.5
20
ms
1. Any low pulse (from 1 to 0, then 0 to 1) shorter than 5 μs is ignored.
7.2.5
Power consumption optimization
When the STSAFE-A120 is not in use, it is possible to decrease its power consumption by removing the power
supply properly.
This could be achieved by using a transistor to pilot the STSAFE-A120 power supply, or by using a GPIO able to
provide an ICC-PROC current that respects the STSAFE-A120 powering conditions as illustrated in
Section 6: Electrical integration.
Note:
The RESET signal must remain low when power is removed.
7.3
DC characteristics
The following tables provide the detailed description of the DC operating conditions of STSAFE-A120 from 2.7 V
to 5.5 V voltages.
Table 5. DC operating specifications and input parameters
Name
Description
Conditions
Min
Typ
Max
Units
VIH
Input high voltage (CLK, RESET, I/O)
-
0.7 x Vcc
-
Vcc
V
VIL
Input low voltage (CLK, RESET, I/O)
-
0
-
0.2 x Vcc
V
IIH
Input high current, high impedance (SDA)
0.7xVCC < VIH < VCC
-1
-
1
μA
Input high current, high impedance (CLK)
0.7xVCC < VIH < VCC
-100
-
200
nA
Input high current, pull-down (RST)
0.7xVCC < VIH < VCC
3
7
15
μA
IIL
Input low current, high impedance (SDA)
0V< VIL < 0.2xVCC
-1
-
1
μA
Input low current, high impedance (CLK)
0V< VIL < 0.2xVCC
-100
-
100
nA
Input low current, pull-down (RST)
0V< VIL < 0.2xVCC
-1
1.5
10
μA
VOL
Output low voltage (I/O)
IOL = 6 mA
-
-
460
mV
CIN1
SCL input capacitance
VIN = 0 to VCC Max
-
-
30
pF
CIN2
SDA input capacitance
VIN = 0 to VCC Max
-
-
30
pF
Note:
VCC MAX is the maximum VCC as defined in Table 3. Power supply specifications.
STSAFE-A120
Electrical characteristics
DS14609 - Rev 1
page 22/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com