Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-A120 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 12Page - STMicroelectronics STSAFE-A120 Datasheet HTML 13Page - STMicroelectronics STSAFE-A120 Datasheet HTML 14Page - STMicroelectronics STSAFE-A120 Datasheet HTML 15Page - STMicroelectronics STSAFE-A120 Datasheet HTML 16Page - STMicroelectronics STSAFE-A120 Datasheet HTML 17Page - STMicroelectronics STSAFE-A120 Datasheet HTML 18Page - STMicroelectronics STSAFE-A120 Datasheet HTML 19Page - STMicroelectronics STSAFE-A120 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Get signature
Returns the signature on the commands or responses sequence since the latest start of a signature session.
Verify entity signature
Verifies a signature generated by an off-chip entity over a challenge previously generated by the STSAFE-A120
with the generate challenge command.
Decompress public key
Supports the decompression of a NIST or brainpool public key available in compressed form with its X coordinate.
It returns the Y coordinate of the public key.
4.5
Local envelope commands
Generate local envelope key
Generates local envelope key.
Wrap local envelope
This command is used to wrap data with a local key envelope using an AES key wrap algorithm.
Unwrap local envelope
This command is used to unwrap a local envelope with a local envelope key.
4.6
Data-partition commands
Decrement
Decrements the one-way counter in a counter zone. When the counter reaches zero, the command is refused.
Read
Reads data from a data partition zone. It reads the data starting from the specified offset within the zone and with
the requested length. It checks the access conditions (for example the MAC) and only returns the data starting
from the specified offset up to the zone boundary.
This command can also be used to change the read access conditions of the zone to a stricter value.
Update
Updates data in a zone. It checks if the written data is expected to exceed the zone boundary and if so, does not
perform the operation. It also checks whether the access condition is satisfied (for example the MAC) and if not,
does not perform the operation.
This command can also be used to change the update access conditions of the zone to a stricter value.
4.7
Symmetric key table commands
Write symmetric key plaintext
Supports the provisioning of a slot in the symmetric key table with a key in plaintext format
Write symmetric key wrapped
Supports the provisioning of a slot in the symmetric key table with a wrapped key.
Establish symmetric keys
Supports provisioning of new keys in the symmetric key table using the ECDHE protocol.
Confirm symmetric keys
Supports the provisioning and confirmation of new keys in the symmetric key table in combination with the
establish symmetric keys command.
Derive keys
Supports the derivation of one or more output keys from an input key present in the symmetric key table or
passed as a part of the command data.
Erase symmetric key slot
Erases the content of the specified key slot in the symmetric key table. This is required when the slot has been
provisioned with the derive keys command and when the key slot is not locked.
STSAFE-A120
Command sets
DS14609 - Rev 1
page 16/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com