Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-A120 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 21Page - STMicroelectronics STSAFE-A120 Datasheet HTML 22Page - STMicroelectronics STSAFE-A120 Datasheet HTML 23Page - STMicroelectronics STSAFE-A120 Datasheet HTML 24Page - STMicroelectronics STSAFE-A120 Datasheet HTML 25Page - STMicroelectronics STSAFE-A120 Datasheet HTML 26Page - STMicroelectronics STSAFE-A120 Datasheet HTML 27Page - STMicroelectronics STSAFE-A120 Datasheet HTML 28Page - STMicroelectronics STSAFE-A120 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
Pin descriptions
Figure 20. SO8N pinout - top view
1
2
3
4
8
7
6
5
RESET
VCC
GND/NC
GND
NC
SCL
NC
SDA
Figure 21. UFDFPN8 pinout 1- top view
GND
GND/NC
VCC
NC
SDA
NC
SCL
RESET
4
3
2
1
5
6
7
8
Figure 22. UFDFPN8 pinout 2- top view
GND
GND/NC
NC
NC
SDA
SCL
NC
VCC
4
3
2
1
5
6
7
8
Note:
UPDFN8 pinout 2 does not have a reset pin. All references to the reset pin in this document do
not apply to this pinout.
The table below provides the names and description of the four contacts on the STSAFE-A120 device. Details on
each contact are provided later in this text.
Table 8. Signal descriptions
Signal
Name
Description
VCC
Supply voltage
The supply voltage is supported for powering all internal STSAFE-A120 functions.
GND
Supply and
signals ground
Ground reference pin for power and all I/O signals.
RESET
Reset
This input signal is used to reset STSAFE-A120. The RESET pin is pull-down by default meaning
that the device is reset if connected to ground or if the pin is floating. The device is active if the
RESET pin is tied high.
SCL
Serial clock
This input signal is used to strobe all data in and out of STSAFE-A120.
The I²C master drives the clock signal.
SDA
Serial data
This I/O signal is used to transfer data into and out of STSAFE-A120.
STSAFE-A120
Package information
DS14609 - Rev 1
page 25/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com