Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-A120 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 17Page - STMicroelectronics STSAFE-A120 Datasheet HTML 18Page - STMicroelectronics STSAFE-A120 Datasheet HTML 19Page - STMicroelectronics STSAFE-A120 Datasheet HTML 20Page - STMicroelectronics STSAFE-A120 Datasheet HTML 21Page - STMicroelectronics STSAFE-A120 Datasheet HTML 22Page - STMicroelectronics STSAFE-A120 Datasheet HTML 23Page - STMicroelectronics STSAFE-A120 Datasheet HTML 24Page - STMicroelectronics STSAFE-A120 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
7.2.2
Power-on and power-off sequences, and power supply glitch tolerance
The power-on sequence on STSAFE-A120 products must follow the requirements mentioned below:
The RESET pin must not be tight to high prior to the VCC power pin.
The RESET pin must be tied to low prior to or simultaneously with the VCC power pin.
The voltage applied to the VCC pin must be less than or equal to 0.3 V prior to starting a new power-on
sequence.
For more information, refer to Figure 17. Power-on and reset sequence.
For security purposes, the STSAFE-A120 embeds detectors. When these are triggered, the STSAFE-A120
device enters the reset state until a power cycle or a reset event occurs.
It is recommended to use an application that is able to manage the RESET pin through a host GPIO to force reset
upon alarm detection.
7.2.3
Reset pin (external reset)
The circuit is in reset state when the reset signal available on the RESET pin is at logical level ‘0’. If this signal is
low for less than tWL, it is not taken into account.
When the RESET pin is floating, an external reset is not available and the device remains in a reset state as the
pin is connected to an internal weak pull-down.
When pin VCC is tied high, if the RESET pin switches from high to low and then to high again, a warm reset
occurs. For more information, refer to Figure 18. Warm reset sequence.
7.2.4
Power-on and reset sequence
Figure 17. Power-on and reset sequence
I2C bus
VCC
90%
10%
SVCC
tVCC
RESET
90%
10%
tHL
tR
tI2C_READY
NACK on I2C bus
ACK on I2C bus
Figure 18. Warm reset sequence
ACK on I2C bus
RESET
90%
10%
90%
10%
tF
tR
tWL
tI2C_READY
ACK on I2C bus
NACK on I2C bus
I2C bus
STSAFE-A120
Electrical characteristics
DS14609 - Rev 1
page 21/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com