Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-A120 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 16Page - STMicroelectronics STSAFE-A120 Datasheet HTML 17Page - STMicroelectronics STSAFE-A120 Datasheet HTML 18Page - STMicroelectronics STSAFE-A120 Datasheet HTML 19Page - STMicroelectronics STSAFE-A120 Datasheet HTML 20Page - STMicroelectronics STSAFE-A120 Datasheet HTML 21Page - STMicroelectronics STSAFE-A120 Datasheet HTML 22Page - STMicroelectronics STSAFE-A120 Datasheet HTML 23Page - STMicroelectronics STSAFE-A120 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
7
Electrical characteristics
This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the
device. The parameters in the DC and AC characteristic tables that follow are derived from tests performed under
the measurement conditions summarized in the relevant tables. Users should check that the operating conditions
in their circuit match the measurement conditions when relying on the quoted parameters.
7.1
Absolute maximum ratings
Operation of STSAFE-A120 at ranges above the absolute maximum specifications may cause permanent device
damage. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute maximum ratings
Name
Description
Conditions
Min Typ
Max
Units
VCC ABS
Absolute maximum power supply
Pins: VCC
-0.3
-
6.5
V
VIO
Input or output voltage relative to ground
-
-0.3
-
VCC +0.3
V
VESD
Electrostatic discharge voltage according to ANSI/ESDA/
JEDEC JS-001
Human Body Model
-
6000
-
V
TA
Ambient operating temperature
-
-25
-
85
°C
TSTG
Storage temperature
-
-40
-
125
°C
TLEAD
Lead temperature during soldering(1)
-
-
-
260
°C
1. SO8N and UFDFPN8 lead temperature during soldering shall be compliant with JEDEC Std J-STD-020D (for small body,
Sn-Pb or Pb assembly), ST ECOPACK® 7191395 specification, and the European directive on restrictions on hazardous
substances (ROHS directive 2011/65/EU, July 2011).
7.2
Power supply
7.2.1
Power supply specifications
The table below provides the detailed description of the power requirements of STSAFE-A120.
Table 3. Power supply specifications
Name
Description
Conditions
Min Typ Max Units
VPOR
Power on reset voltage
-
-
-
2.05
V
VCC
Supply voltage
Considering a +/- 10% ripple on the VCC line(1) 2.7
-
5.5
V
VCC-HIPS
High power supply detection
-
5.7
6
-
V
ICC-PROC
Supply current while processing a
command
-
-
10
11.5
mA
ICC-STDBY
Standby current
IO pulled up to VCC,
TA = 25°C, 3 V
-
270
500
μA
IO pulled up to VCC,
TA = 25°C, 5 V
-
350
ICC-RESET
Supply current during
Reset
RESET = 0
Reset pin held low.
Hardware reset enabled.
TA = 105°C, 3.3 V
-
0.8
1.5
mA
1. The minimum supply voltage value of 2.7 V takes into account the ripple on the VCC line of +/- 10%.
If there is no ripple on the VCC line, the minimum supply voltage is 2.43 V and the maximum is limited by Vcc-HIPS to 5.7 V .
STSAFE-A120
Electrical characteristics
DS14609 - Rev 1
page 20/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com