Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-A120 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 14Page - STMicroelectronics STSAFE-A120 Datasheet HTML 15Page - STMicroelectronics STSAFE-A120 Datasheet HTML 16Page - STMicroelectronics STSAFE-A120 Datasheet HTML 17Page - STMicroelectronics STSAFE-A120 Datasheet HTML 18Page - STMicroelectronics STSAFE-A120 Datasheet HTML 19Page - STMicroelectronics STSAFE-A120 Datasheet HTML 20Page - STMicroelectronics STSAFE-A120 Datasheet HTML 21Page - STMicroelectronics STSAFE-A120 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
5
Standby mode
The STSAFE-A120 supports a standby mode, with a dedicated attribute. This attribute can be either set to none
or to standby with the PUT_ATTRIBUTE[LOW POWER MODE] command.
When the STSAFE-A120 is in standby mode (ICC-STDBY), it NACKs the incoming I²C START condition until tWAKE-
STDBY.
Figure 13. STSAFE-A120 wake up from STANDBY
STSAFE-A120
Power State
I²C
communication
I²C bus activity
STSAFE-A120
Power State
I²C
communication
ACK
IDLE BUS TIME TO STANDBY
ICC-PROC
ICC-STDBY
Command
Idle
Command processing time
STANDBY entry after last activity on I²C bus
STANDBY entry after command processing
IDLE
IDLE BUS TIME TO STANDBY
ICC-PROC
ICC-STDBY
Table 1. STSAFE-A120 wake up time from standby
Name
Description
Min
Typ
Max
Units
tWAKE-STDBY
Wake-up time from STANDBY
-
60
-
µs
If LOW POWER MODE is enabled, the STSAFE-A120 automatically enters in standby mode after IDLE BUS
TIME TO STANDBY milliseconds following the scheme illustrated in Figure 14.
Figure 14. STSAFE-A120 standby entry
STSAFE-A120
Power State
I²C
communication
ICC-STDBY
SOF
NACK
ACK
Command
ICC-PROC (Wake-up)
2nd
SOF
Idle
Idle
Start Of Frame (SOF) or any other
activity on the I²C lines
tWAKE-STBY
ICC-PROC (Detect I²C SOF)
The polling time from the host shall be greater than tWAKE-STDBY, and lower than IDLE BUS TIME TO STANDBY
to avoid a dead loop.
IDLE BUS TIME TO STANDBY is adjustable, starting at 50 ms, and up to 1600 ms with 50 ms steps.
In case of power optimization, disabling the standby mode is not recommended when the bus is shared with other
I²C devices.
STSAFE-A120
Standby mode
DS14609 - Rev 1
page 18/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com