Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8122ACPZN-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL8122ACPZN-R7
Description  10 kHz to 10 GHz, Wideband, Low Noise Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8122ACPZN-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL8122ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
ADL8122
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 24 of 28
RECOMMENDED BIAS SEQUENCING
The correct sequencing of the DC and RF power is required to
safely operate the ADL8122. During power-up, apply VDD before
the RF power is applied to RFIN, and during power off, remove the
RF power from RFIN before VDD is powered off.
For more information on using the evaluation board, refer to the
ADL8122-EVALZ user guide.
Table 9. Recommended Bias Resistor Values for
Various IDQ Values, VDD = 5 V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
8280
35
34.8
0.2
1920
55
53
2
925
75
71
4
620
95
90
5
379
115
107
8
Table 10. Recommended Bias Resistor Values for
Various Supply Voltages, IDQ = 95 mA
RBIAS (Ω)
VDD (V)
164
3.0
340
4.0
620
5.0
811
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com