Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8122ACPZN-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL8122ACPZN-R7
Description  10 kHz to 10 GHz, Wideband, Low Noise Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8122ACPZN-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL8122ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
ADL8122
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 28
The ADL8122 is a wideband LNA that operates from 10 kHz to 10
GHz. A simplified block diagram is shown in Figure 91.
The ADL8122 has DC-coupled, single-ended input and output
ports with impedance that is nominally equal to 50 Ω over the
specified frequency range. No external matching components are
required; other than, AC input and output coupling capacitors and
a bias inductor. To adjust IDQ, connect an external resistor between
the RBIAS and VDDx pins. The VBIAS output voltage provides
a DC bias voltage; it connects to RFIN through a ferrite bead.
The RFOUT/VDD1 pin provides the drain current. Additional drain
biasing is applied through the VDD2 pin.
Figure 91. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com