Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8122ACPZN-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL8122ACPZN-R7
Description  10 kHz to 10 GHz, Wideband, Low Noise Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8122ACPZN-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL8122ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADL8122
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 25 of 28
OPERATION FROM 10 KH
z TO 10 GHz
Figure 97 shows the application circuit that was used to extend
operation down to 10 kHz. Note that additional components, R2 and
R3 = 300 Ω, L5 and L6 = 680 μH, C5 = 1 μF, and L4 = 2.2 kΩ
at 100 MHz, have been added to support low frequency operation.
The gain and the return loss of this circuit are shown in Figure 95
and Figure 96.
Figure 95. Gain and Return Loss vs. Frequency of 10 kHz to 10 GHz
Application Circuit, 10 kHz to 200 MHz, VDD = 5 V,
IDQ = 95 mA, RBIAS = 620 Ω
Further adjustments can be made to the external components of
the device to operate at even lower frequencies. Specifically, the
DC blocking capacitor values can be increased because these
components are the limiting factor causing the low frequency cutoff.
Figure 96. Gain and Return Loss vs. Frequency of 10 kHz to 10 GHz
Application Circuit, 200 MHz to 12 GHz, VDD = 5 V,
IDQ = 95 mA, RBIAS = 620 Ω
Figure 97. Typical Application Circuit for Operation from 10 kHz to 10 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com