Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8122ACPZN-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL8122ACPZN-R7
Description  10 kHz to 10 GHz, Wideband, Low Noise Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8122ACPZN-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL8122ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADL8122
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 27 of 28
RECOMMENDED POWER MANAGEMENT
CIRCUIT
Figure 100 shows a recommended power management circuit for
the ADL8122. The LT8607 step-down regulator is used to step
down a 12 V rail to 6.77 V, which is then applied to the LT3042 low
dropout (LDO) linear regulator to generate a low noise 5 V output.
Even though the circuit shown in Figure 100 has an input voltage
(VIN) of 12 V, the input range to the LT8607 can be as high as 42 V.
The 6.77 V regulator output of the LT8607 is set by the R2 and R3
resistors, according to the following equation:
R2 = R3((VOUT/0.778 V) – 1), where VOUT is the output voltage.
The switching frequency (fSW) is set to 2 MHz by the 18.2 kΩ
resistor (R1) on the RT pin. The LT8607 data sheet provides a
table of resistor values that can be used to select other switching
frequencies ranging from 0.2 MHz to 2.2 MHz.
The output voltage of the LT3042 is set by the R4 resistor connect-
ed to the SET pin, according to the following equation:
VOUT = 100 μA × R4
The resistors on the PGFB pins of the LT3042 are chosen to
trigger the power-good (PG) signal when the output is just under
95% of the target voltage of 5 V. The output of the LT3042 has
1% initial tolerance and another 1% variation over temperature.
The PGFB tolerance is roughly 3% over temperature, and adding
resistors results in a bit more (5%). Therefore, putting 5% between
the output and PGFB works well. In addition, the PG open-collector
is pulled up to the 5 V output to give a convenient 0 V to 5 V
voltage range. Table 11 provides the recommended resistor values
for operation at 6 V to 3 V.
Table 11. Recommended Resistor Values for Operating at 6 V to 3 V
LDO VOUT (V)
R4 (kΩ)
R7 (kΩ)
R8 (kΩ)
6
60.4
620
30.1
5
49.9
442
30.1
4
40.2
301
30.1
3
30.1
225
30.1
Figure 100. Recommended Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com