Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8122ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL8122ACPZN-R7
Description  10 kHz to 10 GHz, Wideband, Low Noise Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8122ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL8122ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8122ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
ADL8122
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 28
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RBIAS
Bias Setting Resistor. Connect a resistor between RBIAS and VDDx to set IDQ. See Figure 94 and Table 9 for more details.
See Figure 4 for the interface schematic.
2
VBIAS
Bias Setting Voltage Output. VBIAS sets the bias voltage for the RFIN pin. Connect VBIAS to RFIN using an inductor or
ferrite bead as shown in Figure 94. See Figure 5 for the interface schematic.
3, 6
GND
Ground. Connect to a ground plane that has low electrical and thermal impedance. See Figure 6 for the interface
schematic.
4
RFIN
RF Input. The RFIN pin is DC-coupled and matched to 50 Ω. See Figure 7 for the interface schematic.
5
RFOUT/VDD1
RF Output and Drain Bias Voltage. The RF output is DC-coupled and also serves as the drain biasing node. For the drain
bias voltage, connect a DC bias network to provide the drain current and AC-couple the RF output path. See Figure 8 for
the interface schematic.
7
NIC
No Internal Connection. The NIC pin is not connected internally. For normal operation, connect this pin to ground.
8
VDD2
Drain Bias. Connect the VDD2 pin to a common supply with VDD1. See Figure 9 for the interface schematic.
GROUND PADDLE
Ground Paddle. Connect the ground paddle to a ground plane that has low electrical and thermal impedance.
INTERFACE SCHEMATICS
Figure 4. RBIAS Interface Schematic
Figure 5. VBIAS Interface Schematic
Figure 6. GND Interface Schematic
Figure 7. RFIN Interface Schematic
Figure 8. RFOUT/VDD1 Interface Schematic
Figure 9. VDD2 Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com